Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182-5.0BSM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2182-5.0BSM
Description  High-Efficiency Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182-5.0BSM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2182-5.0BSM Datasheet HTML 2Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 3Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 4Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 5Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 6Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 7Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 8Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 9Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MIC2182
Micrel
M9999-042204
6
April 22, 2004
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
PWM
Skip
0
0.05
0.10
0.15
0.20
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
-0.50
0
0.50
1.00
1.50
Quiescent Current
vs. Temperature
UVLO Mode
(mA)
SHUTDOWN
(
µA)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
4
8
121620242832
INPUT VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
PWM
Skip
-0.5
0
0.5
1.0
1.5
0
0.1
0.2
0.3
0.4
0.5
0
4
8
12 16 20 24 28 32
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
UVLO Mode
(mA)
SHUTDOWN
(
µA)
1.236
1.238
1.240
1.242
1.244
1.246
1.248
1.250
1.252
1.254
1.256
0
4
8
121620242832
SUPPLY VOLTAGE (V)
V
REF
(Fixed Versions)
Line Regulation
1.200
1.210
1.220
1.230
1.240
1.250
1.260
0
200
400
600
800
1000
LOAD CURRENT (
µA)
V
REF
(Fixed Versions)
Load Regulation
1.240
1.245
1.250
1.255
1.260
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
V
REF
(Fixed Versions)
vs. Temperature
4.0
4.2
4.4
4.6
4.8
5.0
0
4
8
121620242832
SUPPLY VOLTAGE (V)
V
DD
Line Regulation
4.80
4.85
4.90
4.95
5.00
0
5
10
15
20
25
LOAD CURRENT (mA)
V
DD
Load Regulation
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
V
DD
vs. Temperature
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Oscillator Frequency
vs. Temperature
Typical Characteristics
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
4
8
121620242832
SUPPLY VOLTAGE (V)
Oscillator Frequency
vs. Supply Voltage


Similar Part No. - MIC2182-5.0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182-5.0BSM MICREL-MIC2182-5.0BSM Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
More results

Similar Description - MIC2182-5.0BSM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com