Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182-5.0BSM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2182-5.0BSM
Description  High-Efficiency Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182-5.0BSM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2182-5.0BSM Datasheet HTML 7Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 8Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 9Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 10Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 11Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 12Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 13Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 14Page - Micrel Semiconductor MIC2182-5.0BSM Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
April 22, 2004
11
M9999-042204
MIC2182
Micrel
A block diagram of the MIC2182 PWM current-mode control
loop is shown in Figure 3 and the PWM mode voltage and
current waveforms are shown in figure 5A. The inductor
current is sensed by measuring the voltage across the
resistor, R
CS. A ramp is added to the amplified current-sense
signal to provide slope compensation, which is required to
prevent unstable operation at duty cycles greater than 50%.
A transconductance amplifier is used for the error amplifier,
which compares an attenuated sample of the output voltage
with a reference voltage. The output of the error amplifier is
the COMP (compensation) pin, which is compared to the
current-sense waveform in the PWM block. When the current
signal becomes greater than the error signal, the comparator
turns off the high-side drive. The COMP pin (pin 3) provides
access to the output of the error amplifier and allows the use
of external components to stabilize the voltage loop.
Skip-Mode Control Loop
This control method is used to improve efficiency at light
output loads. At light output currents, the power drawn by the
MIC2182 is equal to the input voltage times the IC supply
current (I
Q). At light output currents, the power dissipated by
the IC can be a significant portion of the total output power,
which lowers the efficiency of the power supply. The MIC2182
draws less supply current in skip mode by disabling portions
of the control and drive circuitry when the IC is not switching.
The disadvantage of this method is greater output voltage
ripple and variable switching frequency.
A block diagram of the MIC2182 skip mode is shown in Figure
4. Skip mode voltage and current waveforms are shown in
figure 5B.
Low
Comp
Skip-Mode
Current
Limit
0.07V
LOW
FORCES
PWM MODE
–2%VBG
VIN
VDD
Reference
11
14
10
16
15
13
12
8
9
7
MIC2182 [adj.] Skip Mode
FB
R2
R1
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
4.7
µF
V
1.245V
R1
R2
OUT =+


1
Current
Sense
Amp
S
R
Q
CONTROL LOGIC AND
SKIP-MODE LOGIC
RCS
AV = 2
ONE SHOT
LOW-SIDE DRIVER
ONE SHOT
Hysteresis
Comp
±1%
Figure 4. Skip-Mode Operation


Similar Part No. - MIC2182-5.0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182-5.0BSM MICREL-MIC2182-5.0BSM Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
More results

Similar Description - MIC2182-5.0BSM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com