Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2184BQS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2184BQS
Description  Low Voltage Buck PWM Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2184BQS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2184BQS Datasheet HTML 1Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 2Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 3Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 4Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 5Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 6Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 7Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 8Page - Micrel Semiconductor MIC2184BQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 2005
3
M9999-042205
MIC2184
Micrel, Inc.
Pin Description
Pin Number
Pin Name
Pin Function
1
VINA
Analog voltage input voltage to the circuit. This powers up the analog
sections of the die and does not need to be the same voltage as Pin 16
(V
INP).
2
FreqOut
This provides a digital signal output signal at half the switching frequency.
This signal swings from 0 to 3V, and can be used to drive an external
capacitive doubler to provide a higher voltage to the V
INP input.
3SS
Soft start reduces the inrush current and delays and slows the output voltage
rise time. A 5µA current source will charge the capacitor up to VDD. A 1µF
capacitor will soft start the switching regulator in 1.5ms.
4
COMP
Compensation (Output): Internal error amplifier output. Connect to a
capacitor or series RC network to compensate the regulator’s control loop.
5
SGND
Small signal ground: must be routed separately from other grounds to the (-)
terminal of C
OUT.
6FB
Feedback Input - the circuit regulates this pin to 1.245V.
7
EN/UVLO
Enable/UnderVoltage Lockout (input): A low level on this pin will power down
the device, reducing the quiescent current to under 5uA. This pin has two
separate thresholds, below 1.5V the output switching is disabled, and below
0.9V the part is forced into a complete micropower shutdown. The 1.5V
threshold functions as an accurate undervoltage lockout (UVLO) with 140mV
hysteresis.
8
CSL
The (-) input to the current limit comparator. A built in offset of 100mV
between CSH and CSL in conjunction with the current sense resistor sets
the current limit threshold level. This is also the (-) input to the current
amplifier.
9
CSH
The (+) input to the current limit comparator. A built in offset of 100mV
between CSH and CSL in conjunction with the current sense resistor sets
the current limit threshold level. This is also the (+) input to the current
amplifier.
10
VDD
3V internal linear-regulator output. V
DD is also the supply voltage bus for the
chip. Bypass to SGND with 1µF.
11
SYNC
Frequency Synchronization (Input): Connect an external clock signal to
synchronize the oscillator. Leading edge of signal above 1.5V starts the
switching cycle. Connect to SGND if not used.
12
PGND
MOSFET driver power ground, connects to source of synchronous MOSFET
and the (-) terminal of CIN.
13
VREF
The 1.245V voltage reference is available on this pin. A 0.1µF capacitor
should be connected from this pin to ground.
14
OUTP
High current drive for high side P channel MOSFET. Voltage swing is from
ground to V
INP. On-resistance is typically 2.5Ω.
15
FREQ/2
When this is low, the oscillator frequency is 400KHz. When this pin is raised
to V
DD, the oscillator frequency is 200KHz.
16
VINP
Power Input voltage to the circuit. The output gate drivers are powered from
this supply. The current sense resistor R
CS should be connected as close as
possible to this pin.


Similar Part No. - MIC2184BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2184BQS MICREL-MIC2184BQS Datasheet
75Kb / 12P
   Low Voltage Buck PWM Control IC Final Information
More results

Similar Description - MIC2184BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
   Low Voltage Buck PWM Control IC Final Information
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com