Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2182YM
Description  High-Efficiency Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2182YM Datasheet HTML 1Page - Micrel Semiconductor MIC2182YM Datasheet HTML 2Page - Micrel Semiconductor MIC2182YM Datasheet HTML 3Page - Micrel Semiconductor MIC2182YM Datasheet HTML 4Page - Micrel Semiconductor MIC2182YM Datasheet HTML 5Page - Micrel Semiconductor MIC2182YM Datasheet HTML 6Page - Micrel Semiconductor MIC2182YM Datasheet HTML 7Page - Micrel Semiconductor MIC2182YM Datasheet HTML 8Page - Micrel Semiconductor MIC2182YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MIC2182
Micrel
M9999-042204
2
April 22, 2004
Pin Configuration
1
2
3
4
16
15
14
13
HSD
VSW
BST
LSD
SS
PWM
COMP
SGND
MIC2182
5
6
7
8
12
11
10
9
PGND
VDD
VIN
VOUT
SYNC
EN/UVLO
FB
CSH
Adjustable
16-pin SOP (M)
16-Pin SSOP (SM)
1
2
3
4
16
15
14
13
HSD
VSW
BST
LSD
SS
PWM
COMP
SGND
MIC2182-x.x
5
6
7
8
12
11
10
9
PGND
VDD
VIN
VOUT
SYNC
EN/UVLO
VREF
CSH
Fixed
16-pin SOP (M)
16-Pin SSOP (SM)
Ordering Information
Part Number
Voltage
Temperature Range
Package
Lead Finish
MIC2182BM
Adjustable
–40
°C to +85°C
16-pin narrow SOP
Standard
MIC2182-3.3BM
3.3V
–40
°C to +85°C
16-pin narrow SOP
Standard
MIC2182-5.0BM
5.0V
–40
°C to +85°C
16-pin narrow SOP
Standard
MIC2182BSM
Adjustable
–40
°C to +85°C
16-pin narrow SSOP
Standard
MIC2182-3.3BSM
3.3V
–40
°C to +85°C
16-pin narrow SSOP
Standard
MIC2182-5.0BSM
5.0V
–40
°C to +85°C
16-pin narrow SSOP
Standard
MIC2182YM
Adjustable
–40
°C to +85°C
16-pin narrow SOP
Pb-Free
MIC2182-3.3YM
3.3V
–40
°C to +85°C
16-pin narrow SOP
Pb-Free
MIC2182-5.0YM
5.0V
–40
°C to +85°C
16-pin narrow SOP
Pb-Free
MIC2182YSM
Adjustable
–40
°C to +85°C
16-pin narrow SSOP
Pb-Free
MIC2182-3.3YSM
3.3V
–40
°C to +85°C
16-pin narrow SSOP
Pb-Free
MIC2182-5.0YSM
5.0V
–40
°C to +85°C
16-pin narrow SSOP
Pb-Free


Similar Part No. - MIC2182YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182YM MICROCHIP-MIC2182YM Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
More results

Similar Description - MIC2182YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com