Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F16267 Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F16267
Description  8-bit Microcontroller with CIR Receiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F16267 Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F16267 Datasheet HTML 5Page - Feature Integration Technology Inc. F16267 Datasheet HTML 6Page - Feature Integration Technology Inc. F16267 Datasheet HTML 7Page - Feature Integration Technology Inc. F16267 Datasheet HTML 8Page - Feature Integration Technology Inc. F16267 Datasheet HTML 9Page - Feature Integration Technology Inc. F16267 Datasheet HTML 10Page - Feature Integration Technology Inc. F16267 Datasheet HTML 11Page - Feature Integration Technology Inc. F16267 Datasheet HTML 12Page - Feature Integration Technology Inc. F16267 Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Fintek
Feature Integration Technology Inc.
V0.20P
8
F16267
4 Pin Description
4.1. Power Pin
Pin No.
Pin Name
Type
Description
5
VBAT
Power source of RTC supplied from 3.3V battery
8
VSS
Ground
16
VCC
P
Power supply input 3.3V
4.2. GPIO Pin
Pin No.
Pin Name
Type
PWR
Description
4
GPIO5
I/O12st5v
VDD
General purpose input/output bit 5
11
GPIO0
I/O12st5v
VDD
General purpose input/output bit 0
12
GPIO1
I/O12st5v
VDD
General purpose input/output bit 1
13
GPIO2
I/O12st5v
VDD
General purpose input/output bit 2
14
GPIO3
I/O12st5v
VDD
General purpose input/output bit 3
15
GPIO4
I/O12st5v
VDD
General purpose input/output bit 4
4.3. RTC Pin
Pin No.
Pin Name
Type
PWR
Description
6
XTAL_32K_IN
AIN
VBAT
32.768KHz clock input
7
XTAL_32K_IN
AIN
VBAT
32.768KHz clock output
P
-
Power pins
INst5V
-
TTL level input pin with schmitt trigger
I/OD12st5V
- TTL level bi-directional pin with schmitt trigger, Open-drain output with 12 mA sink capability, 5V
tolerance
I/O12st5v
- Output pin with 12mA sink/driving
capability.5V tolerance
AIN
- Input pin (Analog).
AOUT
- Output pin (Analog).


Similar Part No. - F16267

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
   Florence Lens array
More results

Similar Description - F16267

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
Holtek Semiconductor In...
HT827A0 HOLTEK-HT827A0 Datasheet
302Kb / 49P
   8-Bit Microcontroller with Voice ROM
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ELAN Microelectronics C...
EM78458 EMC-EM78458 Datasheet
399Kb / 62P
   8-Bit Microcontroller with MASK ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
   8-Bit Microcontroller with MASK ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
   8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com