Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182-5.0YSM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2182-5.0YSM
Description  High-Efficiency Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182-5.0YSM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2182-5.0YSM Datasheet HTML 1Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 2Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 3Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 4Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 5Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 6Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 7Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 8Page - Micrel Semiconductor MIC2182-5.0YSM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
April 22, 2004
1
M9999-042204
MIC2182
Micrel
MIC2182
High-Efficiency Synchronous Buck Controller
General Description
Micrel’s MIC2182 is a synchronous buck (step-down) switch-
ing regulator controller. An all N-channel synchronous archi-
tecture and powerful output drivers allow up to a 20A output
current capabilty. The PWM and skip-mode control scheme
allows efficiency to exceed 95% over a wide range of load
current, making it ideal for battery powered applications, as
well as high current distributed power supplies.
The MIC2182 operates from a 4.5V to 32V input and can
operate with a maximum duty cycle of 86% for use in low-
dropout conditions. It also features a shutdown mode that
reduces quiescent current to 0.1
µA.
The MIC2182 achieves high efficiency over a wide output
current range by automatically switching between PWM and
skip mode. Skip-mode operation enables the converter to
maintain high efficiency at light loads by turning off circuitry
pertaining to PWM operation, reducing the no-load supply
current from 1.6mA to 600
µA. The operating mode is inter-
nally selected according to the output load conditions. Skip
mode can be defeated by pulling the PWM pin low which
reduces noise and RF interference.
The MIC2182 is available in a 16-pin SOP (small-outline
package) and SSOP (shrink small-outline package) with an
operating range from –40
°C to +85°C.
Typical Application
VDD
BST
C6
0.1
µF
R1
2k
R7
100k
VIN
4.5V to 30V*
VOUT
3.3V/4A
GND
C2
2.2nF
C4
1nF
C3
0.1
µF
C5
0.1
µF
C1
0.1
µF
C9
4.7
µF
16V
C11
22uf
35V
x2
D2
SD103BWS
Q2*
Si4884
D1
B140
C7
220uf
10V
×2
L1
10
µH
R2
0.02
Q1*
Si4884
HSD
VSW
LSD
PGND
CSH
VOUT
VREF
SGND
GND
MIC2182-3.3BSM
VIN
EN/UVLO
SS
PWM
COMP
SYNC
C13, 1nF
10
6
2
1
3
5
4
7
9
8
12
13
15
16
14
11
* 30V maximum input voltage limit is due
to standard 30V MOSFET selection.
See “Application Information” section for
5V to 3.3V/10A and other circuits.
4.5V–30V* to 3.3V/4A Converter
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Features
• 4.5V to 32V Input voltage range
• 1.25V to 6V Output voltage range
• 95% efficiency
• 300kHz oscillator frequency
• Current sense blanking
• 5
Ω impedance MOSFET Drivers
• Drives N-channel MOSFETs
• 600
µA typical quiescent current (skip-mode)
• Logic controlled micropower shutdown (I
Q < 0.1µA)
• Current-mode control
• Cycle-by-cycle current limiting
• Built-in undervoltage protection
• Adjustable undervoltage lockout
• Easily synchronizable
• Precision 1.245V reference output
• 0.6% total regulation
• 16-pin SOP and SSOP packages
• Frequency foldback overcurrent protection
• Sustained short-circuit protection at any input voltage
• 20A output current capability
Applications
• DC power distribution systems
• Notebook and subnotebook computers
• PDAs and mobile communicators
• Wireless modems
• Battery-operated equipment


Similar Part No. - MIC2182-5.0YSM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182-5.0YSM-TR MICROCHIP-MIC2182-5.0YSM-TR Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
More results

Similar Description - MIC2182-5.0YSM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com