Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F56217BDFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F56217BDFB
Description  100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56217BDFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F56217BDFB Datasheet HTML 1Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56217BDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
APPLICATION NOTE
R01AN0585EJ0202 Rev.2.02
Page 1 of 22
Feb 14, 2014
RX62N Group and RX621 Group
16-Bit SDRAM Connection and Access Examples
Introduction
This application note presents methods for connecting and accessing 16-bit SDRAM to RX62N and RX621 Group
microcontrollers.
Target Devices
RX62N Group and RX621 Group
This application note also applies to RX family microcontrollers that have the same I/O registers (peripheral module
control registers) as the RX62N and RX621 Group microcontrollers. However, since there have been additions to
certain functions, please check the manuals carefully for differences. When applying this application note to other
microcontrollers, the information presented in this application note must be modified to match the specifications of the
microcontroller used and the resulting system tested thoroughly.
Contents
1.
Specifications .................................................................................................................................... 2
2.
Operation Confirmation Conditions ................................................................................................... 3
3.
Usage Notes...................................................................................................................................... 3
4.
Operating Description........................................................................................................................ 4
5.
Software Documentation ................................................................................................................. 12
6.
Reference Documents..................................................................................................................... 21
R01AN0585EJ0202
Rev.2.02
Feb 14, 2014


Similar Part No. - R5F56217BDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFF RENESAS-R5F562T6ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
R5F562T6ADFM RENESAS-R5F562T6ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T6BDFF RENESAS-R5F562T6BDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F56217BDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com