Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2250YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2250YML
Description  High-Efficiency Low EMI Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2250YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2250YML Datasheet HTML 1Page - Micrel Semiconductor MIC2250YML Datasheet HTML 2Page - Micrel Semiconductor MIC2250YML Datasheet HTML 3Page - Micrel Semiconductor MIC2250YML Datasheet HTML 4Page - Micrel Semiconductor MIC2250YML Datasheet HTML 5Page - Micrel Semiconductor MIC2250YML Datasheet HTML 6Page - Micrel Semiconductor MIC2250YML Datasheet HTML 7Page - Micrel Semiconductor MIC2250YML Datasheet HTML 8Page - Micrel Semiconductor MIC2250YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC2250
High-Efficiency Low EMI
Boost Regulator
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC2250 is a general purpose DC/DC boost switching
regulator that features low noise, EMI reduction circuitry,
and high efficiency across a wide output current range.
The MIC2250 is optimized for noise-sensitive hand held
battery powered applications. A proprietary control method
allows low ripple across the output voltage and current
ranges. The MIC2250 incorporates a pseudo-random
dithering function to reduce EMI levels up to 10dB enabled
by the DITH pin.
The MIC2250 is designed for use with inductor values from
4.7µH to 22µH, and is stable with ceramic capacitors from
1µF to 22µF.
The MIC2250 attains a high peak efficiency up to 90% at
100mA and excellent light load efficiency of 80% at 1mA.
High power density is achieved with the MIC2250’s
internal 34V/2A rated switch, allowing it to power large
loads in a tiny footprint.
The MIC2250 is available in a 8-pin 2mm x 2mm MLF
®
leadless package option with an operating junction
temperature range of –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Over 80% efficient for a 300:1 load range
• 2.5V to 5.5V input voltage range
• Output voltage adjustable to 32V
• 2A switch current
• 52µA (typ) quiescent current
• Constant peak current control reduces output ripple
• EMI reduction circuitry
• Stable with small ceramic capacitors
• <1µA shutdown current
• UVLO and thermal shutdown
• 8-pin 2mm x 2mm leadless MLF® package
• –40°C to +125°C junction temperature range
Applications
• LCD/OLED display bias supply
• CCD bias supply
• Mobile Phones, PDA, Media Players, GPS PND
• Haptic displays
• Local 5V, 15V, 24V rail
___________________________________________________________________________________________________________
Typical Application
May 2010
M9999-051310-A


Similar Part No. - MIC2250YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2250YML MICREL-MIC2250YML Datasheet
528Kb / 13P
   High Efficiency Low EMI Boost Regulator
MIC2250YML MICREL-MIC2250YML Datasheet
882Kb / 14P
   High-Efficiency Low EMI Boost Regulator
More results

Similar Description - MIC2250YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
   High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
   High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250 Datasheet
528Kb / 13P
   High Efficiency Low EMI Boost Regulator
MIC2251_1105 MICREL-MIC2251_1105 Datasheet
875Kb / 14P
   High-Efficiency Low EMI Boost Regulator
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
   High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
   Low Reference High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Intersil Corporation
ISL9120IR INTERSIL-ISL9120IR Datasheet
433Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
February 2, 2016
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com