Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2296BD5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2296BD5
Description  High Power Density 1.2A Boost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2296BD5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2296BD5 Datasheet HTML 1Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 2Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 3Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 4Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 5Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 6Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 7Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 8Page - Micrel Semiconductor MIC2296BD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC2296
January 2010
2
M9999-011310
Ordering Information
Part Number
Marking Code
Standard
Lead-Free
Output Over
Voltage Protection
Standard
Lead-Free
Junction
Temp. Range
Package
MIC2296BML
MIC2296YML
34V
WDA
WDA
-40
°C to 125°C
8-Pin 2mm x2mm MLF
®
MIC2296BD5*
MIC2296YD5*
-
WDAA
WDAA
-40
°C to 125°C
5-Pin Thin SOT-23
* Contact factory for availability.
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
TSOT-23-5 (BD5)
1
OVP
VIN
EN
AGND
8
PGND
SW
FB
NC
7
6
5
2
3
4
EP
8-pin MLF
® (BML)
Pin Description
MIC2296BD5
Thin SOT-23-5
MIC2296BML
2x2 MLF-8L
Pin Name
Pin Function
1
OVP
Output Over-Voltage Protection (Input): Tie this pin to VOUT to clamp
the output voltage to 34V maximum in fault conditions. Tie this pin to
ground if OVP function is not required.
5
2
VIN
Supply (Input): 2.5V to 10V input voltage.
4
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down
regulator.
4
AGND
Analog ground
5
N/C
No connect. No internal connection to die.
3
6
FB
Feedback (Input): 1.24V output voltage sense node. VOUT = 1.24V ( 1 +
R1/R2)
1
7
SW
Switch Node (Input): Internal power BIPOLAR collector.
8
PGND
Power ground
2
GND
Ground (Return): Ground.
EP
GND
Ground (Return). Exposed backside pad.


Similar Part No. - MIC2296BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
   High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC2296BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
   High Power Density 1.2A Boost Regulator
MIC2295 MICREL-MIC2295 Datasheet
1Mb / 13P
   High Power Density 1.2A Boost Regulator
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
   High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
   High Power Density 1.2A Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com