Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2292-34YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2292-34YML
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292-34YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2292-34YML Datasheet HTML 1Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 2Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 3Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 4Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 5Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 6Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 7Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 8Page - Micrel Semiconductor MIC2292-34YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC2292/93
Micrel, Inc.
M9999-070105
2
July, 2005
Pin Configuration
8-lead MLF™ (BML)
(Top View)
Fused Lead Frame
Ordering Information
Marking
Overvoltage
Junction
Part Number
Code
Protection
Frequency
Temp. Range
Package
Lead Finish
MIC2292-15BML
SWA
15V
1.6MHz
–40°C to +125°C
8-lead MLF™
Standard
MIC2292-15YML
SWA
15V
1.6MHz
–40°C to +125°C
8-lead MLF™
Pb-Free
MIC2292-34BML
SWC
34V
1.6MHz
–40°C to +125°C
8-lead MLF™
Standard
MIC2292-34YML
SWC
34V
1.6MHz
–40°C to +125°C
8-lead MLF™
Pb-Free
MIC2293-15BML
SZA
15V
2MHz
–40°C to +125°C
8-lead MLF™
Standard
MIC2293-15YML
SZA
15V
2MHz
–40°C to +125°C
8-lead MLF™
Pb-Free
MIC2293-34BML
SZC
34V
2MHz
–40°C to +125°C
8-lead MLF™
Standard
MIC2293-34YML
SZC
34V
2MHz
–40°C to +125°C
8-lead MLF™
Pb-Free
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Output pin and overvoltage protection (Output): Connect to the output ca-
pacitor and LEDs.
2
VIN
Supply (Input): Input voltage.
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regula-
tor.
5
NC
No connect (no internal connection to die).
6
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the
LED to this pin. A resistor from this pin to ground sets the LED current.
7
SW
Switch node (Input): Internal power transistor collector.
4,8
GND
Ground (Return): Ground.
EP
GND
Ground (Return): Exposed backside pad.
OUT
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
EP


Similar Part No. - MIC2292-34YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2292-34YML MICREL-MIC2292-34YML Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
More results

Similar Description - MIC2292-34YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com