Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2293-15YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2293-15YML
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2293-15YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2293-15YML Datasheet HTML 1Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 2Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 3Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 4Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 5Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 6Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 7Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 8Page - Micrel Semiconductor MIC2293-15YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
July 2005
3
M9999-070105
MIC2292/93
Micrel, Inc.
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................................12V
Switch Voltage (VSW) ......................................–0.3V to 34V
Enable Pin Voltage (VEN) ................................... –0.3 to VIN
FB Voltage (VFB) .............................................................6V
Switch Current (ISW)........................................................ 2A
Ambient Storage Temperature (TS).......... –65°C to +150°C
Schottky Reverse Voltage (VDA) ...................................34V
ESD Rating(3) ............................................................... 2kV
Operating Ratings(2)
Supply Voltage (VIN)..........................................2.5V to 10V
Output Voltage (VOUT).......................................VIN to VOVP
Junction Temperature Range (TJ) ............ –40°C to +125°C
Package Thermal Impedance
8-lead MLF™ (θJA) ..............................................93°C/W
Electrical Characteristics(4)
TA = 25ºC, VIN = VEN = 3.6V, VOUT = 15V, IOUT = 20mA, unless otherwise noted. Bold values indicate –40ºC ≤ TJ ≤ +125ºC.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VULVO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 200mV, (not switching)
2.5
5
mA
ISD
Shutdown Current
VEN = 0V(5)
0.1
1
µA
VFB
Feedback Voltage
(±5%)
90
95
100
mV
IFB
Feedback Input Current
VFB = 95mV
-450
nA
Line Regulation(6)
3V ≤ VIN ≤ 5V
0.5
1
%
Load Regulation(6)
5mA ≤ IOUT ≤ 20mA
0.5
2
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
750
mA
VSW
Switch Saturation Voltage
ISW = 0.5A
450
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
MIC2292
MIC2293
1.4
1.75
1.6
2.0
1.8
2.25
MHz
MHz
VD
Schottky Forward Drop
ID = 150mA
0.8
1
V
IRD
Schottky Leakage Current
VR = 30V
4
µA
VOVP
Overvoltage Protection
MIC2292/93-15
MIC2292/93-34
13
30
14
32
16
34
V
V
TJ
Overtemperature
Threshold Shutdown
Hysteresis
150
10
°C
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating ratings.
3. Devices are inherently ESD sensitive. Handling precautions required. Human body model.
4. Specification for packaged product only.
5. ISD = IVIN.
6. Guaranteed by design.


Similar Part No. - MIC2293-15YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2293-15YML MICREL-MIC2293-15YML Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
More results

Similar Description - MIC2293-15YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com