Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2563A Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2563A
Description  Dual-Slot PCMCIA/CardBus Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2563A Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2563A_04 Datasheet HTML 4Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 5Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 6Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 7Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 8Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 9Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 10Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 11Page - Micrel Semiconductor MIC2563A_04 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
March 2004
11
M9999-033004
MIC2563A
Micrel
Component Key
U1 .................... MIC2563
U2, U3 ............. 74x175
U4 .................... 74x574
Serial Control
Figure 6 shows conversion from a three-wire serial interface,
such as used by the Cirrus Logic CL-PD6730, to the standard
eight-line parallel interface used by the MIC2563A-1. This
interface requires three common, low cost 7400-series logic
ICs:
• 74x574 Octal D Flip-Flop
• 74x175 Quad Flip-Flop with Latches (two needed)
Either 3.3V or 5V logic devices may be used, depending upon
the control voltage employed by the slot logic controller. Pin
numbers in parenthesis refer to the MIC2563A-1BSM. Gerber
files for this PC board layout are available to Micrel custom-
ers. Please contact Micrel directly.
Another serial-to-parallel solution for this application is the
74HC594, 8-bit shift register with output registers. This de-
vice contains the eight D flip-flops plus has latched outputs
suitable for this purpose.
Serial Control Adapter PC Board Layout


Similar Part No. - MIC2563A_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A-0BSM MICREL-MIC2563A-0BSM Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
More results

Similar Description - MIC2563A_04

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com