Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2564A-0BSM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2564A-0BSM
Description  Dual Serial PCMCIA/CardBus Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2564A-0BSM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2564A-0BSM Datasheet HTML 1Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 2Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 3Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 4Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 5Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 6Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 7Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 8Page - Micrel Semiconductor MIC2564A-0BSM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC2564A
Micrel
March 2004
1
M0250-031104
Features
• Standard 3-wire serial control data input
• Controls two card slots from one surface mount device
• High-efficiency, low-resistance switches
• 12V supply optional (not required by MIC2564A)
• Current limit and overtemperature shutdown
• Ultra-low 1
mA-typical standby power consumption
• Cross-conduction lockout (no switching transients)
• Break-before-make switching
• 1A minimum VCC output per slot
• Independent VCC and VPP voltage output (MIC2564A-1)
• 120mA minimum VPP output current per slot
• Lead-free 24-pin surface-mount TSSOP package
• UL recognized, file #179633
Applications
• PC Card and CardBus power control
• Zoom Video port power control
• Wireless communications
• Bar code data collection systems
• Docking stations (portable and desktop)
• Power supply management
General Description
The MIC2564A is dual-slot PC Card PCMCIA (Personal Com-
puter Memory Card International Association) and CardBus
power controller. It is a sophisticated power switching matrix
that controls VCC and VPP voltages to two PC Card slots. The
MIC2564A is used in conjunction with a serial-data output logic
controller using the standard three-wire serial control data
format.
When connected to 3.3V, 5V, and 12V system power supplies,
the MIC2564A can switch its VCC outputs between 0V, 3.3V,
5.0V, and high-impedance states and VPP outputs between 0V,
3.3V, 5V, 12V, and high-impedance states. The VCC outputs
will supply a minimum of 1A current to the socket and the VPP
outputs will supply a minimum of 120mA to the socket. Voltage
rise and fall times are well controlled. The MIC2564A also
features an efficient standby (sleep) mode at 0.3
mA typical
quiescent current.
12V and 5V supplies are not required for MIC2564A operation
making it possible to omit one or both supplies when they are not
needed by the system. An internal charge pump supplies the
internal bias voltages required for high-performance switching.
The MIC2564A is protected by overtemperature shutdown, and
protects itself and the system with current limiting and cross-
conduction lockout.
The MIC2564A is available in 24-pin SSOP, 24-pin TSSOP,
and an environmentally friendly (lead-free) 24-pin TSSOP.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Typical Application
MIC2564A
Power
Controller
GND
VPP IN
(OPTIONAL)
VCC3 IN
VCC5 IN
(OPTIONAL)
(OPTIONAL)
12V
3.3V
(OPTIONAL)
5V
System Power Supply
RST#
Serial
Control
Bus
System Reset
Dual-Slot
Logic Controller
PCMCIA,
CardBus,
or Zoom Video
A VPP OUT
A VCC OUT
B VPP OUT
B VCC OUT
PCMCIA
Card
A
VPP1
VPP2
VCC
PCMCIA
Card
B
VPP1
VPP2
VCC
Motherboard
Slot A
Slot B
Address and data lines
between logic controller and
PCMCIA cards not shown.
PCMCIA Card Power Management Application
MIC2564A
Dual Serial PCMCIA/CardBus Power Controller
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
UL Recognized Component


Similar Part No. - MIC2564A-0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A-0BSM MICREL-MIC2564A-0BSM Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
More results

Similar Description - MIC2564A-0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com