Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2602 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2602
Description  1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2602 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2602 Datasheet HTML 5Page - Micrel Semiconductor MIC2602 Datasheet HTML 6Page - Micrel Semiconductor MIC2602 Datasheet HTML 7Page - Micrel Semiconductor MIC2602 Datasheet HTML 8Page - Micrel Semiconductor MIC2602 Datasheet HTML 9Page - Micrel Semiconductor MIC2602 Datasheet HTML 10Page - Micrel Semiconductor MIC2602 Datasheet HTML 11Page - Micrel Semiconductor MIC2602 Datasheet HTML 12Page - Micrel Semiconductor MIC2602 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC2601/2
September 2009
11
M9999-090909-A
C1
2.2µF/16V
1
2
21
D1
B360A
SS
5
VDD
2
EN
3
VIN
1
FB
6
SW
7
U1 MIC2601/2
J1
VIN 12V
J2
GND
J3
EN
R3
10k
C2
0.1µF/50V
C3
0.1µF/50V
L1
10µH
R1
6.65k
R2
C4
4.7µF/50V
C5
4.7µF/50V
J4
VO 18V
J5
GND
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM21BR71C225KA12L
Murata
(1)
C1
0805YC225MAT
AVX
(2)
Capacitor, 2.2µF, 16V, X7R, Size 0805
1
VJ0603Y104KXAAT
Vishay
(3)
06035C104MAT
AVX
(2)
Capacitor, 0.1µF, 50V, X7R, Size 0603
C2, C3
GRM188R71C104KA01D
Murata
(1)
Capacitor, 0.1µF, 16V, X7R, Size 0603
2
C4, C5
GRM31CR71H475KA12L
Murata
(1)
Capacitor, 4.71µF, 50V, X7R, Size 1206
2
SS3P6-E3
Vishay
(3)
D1
B360A
Diodes
(4)
3A, 60V Schottky Diode
1
L1
LQH55DN100M03
Murata
(1)
10µH, 1700mA
1
R1
CRCW06036K65FKEA
Vishay Dale
(3)
Resistor, 6.65k, 1%, 1/10W, Size 0603
1
R2
CRCW06034990FKEA
Vishay Dale
(3)
Resistor, 499Ω, 1%, 1/10W, Size 0603
1
R3
CRCW060310K0FKEA
Vishay Dale
(3)
Resistor, 10k, 1%, 1/10W, Size 0603
1
MIC2601YML
1.2A, 1.2MHz Wide Range Integrated Switch Boost Regulator
U1
MIC2602YML
Micrel, Inc.
(5)
1.2A, 2MHz Wide Range Integrated Switch Boost Regulator
1
Notes:
1. Murata: www.murata.com
2. AVX: www.avx.com
3. Vishay: www.vishay.com
4. Murata: www.diodes.com
5. Micrel, Inc.: www.micrel.com


Similar Part No. - MIC2602

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
MIC26023-5134W-LF3 WURTH-MIC26023-5134W-LF3 Datasheet
158Kb / 1P
   TRANSFORMER
More results

Similar Description - MIC2602

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605 Datasheet
308Kb / 13P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
   1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
   3A 2MHz Integrated Switch Buck Regulator
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com