Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2564A-1YTS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2564A-1YTS
Description  Dual Serial PCMCIA/CardBus Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2564A-1YTS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2564A-1YTS Datasheet HTML 1Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 2Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 3Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 4Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 5Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 6Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 7Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 8Page - Micrel Semiconductor MIC2564A-1YTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MIC2564A
Micrel
M0250-031104
2
March 2004
Pin Configuration
VCC5 IN
B VCC OUT
13
12
B VCC OUT
VCC3 IN
14
11
1
VCC5 IN
A VCC OUT
VCC5 IN
A FLAG
SDA
SCL
RST#
SLA
B FLAG
VCC5 IN
24 A VCC OUT
VCC3 IN
A VCC OUT
GND
A VPP OUT
VPP IN
VPP IN
B VPP OUT
GND
B VCC OUT
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
24-lead SSOP (SM)
24-lead TSSOP (TS)
Pin Description
Pin Number
Pin Name
Pin Function
1, 3, 10, 12
VCC5 IN
5V Supply Input: Optional system power supply connection. Required only
for 5V VCC and VPP output voltage.
2, 22, 24
A VCC OUT
Slot A VCC Output: Pins 2, 22 and 24 must be externally connected
together.
4
A FLAG
Channel A VCC and VPP Output Monitor (Output): Low on error condition.
5
SDA
Serial Data (Input).
6
SCL
Serial Clock (Input).
7
RST#
System Reset (Input): Active low signal deactivates the MIC2564A, clearing
the serial registers and forcing the four power outputs to 0V (GND).
8
SLA
Serial Data Latch (Input).
9
B FLAG
Channel B VCC and VPP Output Monitor (Output): Low on error condition.
11, 13, 15
B VCC OUT
Slot B VCC Output: Pins 11, 13 and 15 must be externally connected
together.
14, 23
VCC3 IN
3.3V Supply Input: Required system power supply connection. Powers 3.3V
VCC and VPP outputs and all internal circuitry.
16, 21
GND
Ground.
17
B VPP OUT
Slot B VPP Output.
18, 19
VPP IN
12V Supply Input: Optional system power supply connection. Required only
for 12V VPP output voltage.
20
A VPP OUT
Slot A VPP Output.
Ordering Information
Part Number
Temperature Range
Package
Lead-Finish
MIC2564A-0BSM
–40
∞C to +85∞C
24-pin SSOP
Standard
MIC2564A-1BSM*
–40
∞C to +85∞C
24-pin SSOP
Standard
MIC2564A-0BTS
–40
∞C to +85∞C
24-pin TSSOP
Standard
MIC2564A-1BTS*
–40
∞C to +85∞C
24-pin TSSOP
Standard
MIC2564A-0YTS
–40
∞C to +85∞C
24-pin TSSOP
Lead-free
MIC2564A-1YTS*
–40
∞C to +85∞C
24-pin TSSOP
Lead-free
* -1 option: independent VPP OUT and VCC OUT programming


Similar Part No. - MIC2564A-1YTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A-1BSM MICREL-MIC2564A-1BSM Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A-1BTS MICREL-MIC2564A-1BTS Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
More results

Similar Description - MIC2564A-1YTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com