Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2940A-5.0WT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2940A-5.0WT
Description  1.2A Low-Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2940A-5.0WT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2940A-5.0WT Datasheet HTML 1Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 2Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 3Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 4Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 5Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 6Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 7Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 8Page - Micrel Semiconductor MIC2940A-5.0WT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC2940A/2941A
July 2007
5
M9999-071307
Typical Characteristics
0
100
200
300
400
500
0.00 0.25 0.50 0.75 1.00 1.25
OUTPUT CURRENT (A)
Dropout Voltage
vs. Output Current
0
200
400
600
800
1000
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
I
LOAD = 1.25A
0
1
2
3
4
5
6
01234
56
INPUT VOLTAGE (V)
Dropout
Characteristics
I
LOAD =5mA
I
LOAD = 1.25A
0.1
1
10
40
11
0
100
1000
10000
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
10A
0
100
200
300
400
0
1
2
3
45
67
8
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
FIXED 5V
I
LOAD =5mA
0
10
20
30
40
50
02468
10
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage
FIXED 3.3V DEVICE
I
LOAD =1.25A
0.00
0.10
0.20
0.30
0.40
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
Ground Current
vs. Temperature
I
LOAD =5mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
Ground Current
vs. Temperature
I
LOAD =100mA
0
10
20
30
40
50
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
Ground Current
vs. Temperature
I
LOAD =1.25A
I
LOAD = 100mA
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
Fixed 3.3V Output Voltage
vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60 -30
0
30 60
90 120 150
TEMPERATURE (°C)
Short Circuit and Maximum
Current vs. Temperature
V
OUT =VNOMINAL –0.5V
V
OUT =0V
FIXED 3.3V
VERSION
3SAMPLES
-200
0
200
400
600
800
1000
-30 -20 -10
0
10
20
30
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
R
LOAD = 100


Similar Part No. - MIC2940A-5.0WT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2940A-5.0WU MICROCHIP-MIC2940A-5.0WU Datasheet
2Mb / 24P
   1.25A Low Dropout Voltage Regulator
09/14/21
More results

Similar Description - MIC2940A-5.0WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
   1.2A Low-Dropout Voltage Regulator
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
logo
Richtek Technology Corp...
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com