Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4120 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4120
Description  6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4120 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4120 Datasheet HTML 1Page - Micrel Semiconductor MIC4120 Datasheet HTML 2Page - Micrel Semiconductor MIC4120 Datasheet HTML 3Page - Micrel Semiconductor MIC4120 Datasheet HTML 4Page - Micrel Semiconductor MIC4120 Datasheet HTML 5Page - Micrel Semiconductor MIC4120 Datasheet HTML 6Page - Micrel Semiconductor MIC4120 Datasheet HTML 7Page - Micrel Semiconductor MIC4120 Datasheet HTML 8Page - Micrel Semiconductor MIC4120 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC4120/4129
Micrel, Inc.
M9999-072010
2
July 2010
Pin Configurations
1
2
3
4
8
7
6
5
V S
OUT
OUT
GND
V S
IN
NC
GND
EPAD SOIC-8 (ME)
MLF-8 (ML)
Ordering Information
Part Number
Package
Configuration
Lead Finish
MIC4120YME
EPAD 8-Pin SOIC
Non-Inverting
Pb-Free
MIC4120YML
8-Pin MLF
Non-Inverting
Pb-Free
MIC4129YME
EPAD 8-Pin SOIC
Inverting
Pb-Free
MIC4129YML
8-Pin MLF
Inverting
Pb-Free
Pin Description
Pin Number
Pin Name
Pin Function
2
IN
Control Input
4, 5
GND
Ground: Duplicate pins must be externally connected together
1, 8
VS
Supply Input: Duplicate pins must be externally connected together
6, 7
OUT
Output: Duplicate pins must be externally connected together
3
NC
Not connected
EP
GND
Ground: Backside


Similar Part No. - MIC4120

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120 Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
MIC4120YME MICREL-MIC4120YME Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
MIC4120YML MICREL-MIC4120YML Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4120

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com