Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2951-03BMM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2951-03BMM
Description  150mA Low-Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2951-03BMM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2951-03BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 9Page - Micrel Semiconductor MIC2951-03BMM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MIC2950/2951
February 2010
6
M9999-021610
Parameter
Condition
Min
Typ
Max
Units
Current Limit
VOUT = 0V
300
400
450
mA
mA
Thermal Regulation
Note 13
0.05
0.20
%/W
10Hz to 100kHz, CL = 1.5µF
430
µVRMS
10Hz to 100kHz, CL = 200µF
160
µVRMS
Output Noise
10Hz to 100kHz, CL = 3.3µF,
0.01µF bypass Feedback to Output
100
µVRMS
MIC295x-02/-05 (±0.5%)
1.220
1.200
1.235
1.250
1.260
V
V
MIC295x-03/06 (±1%)
1.210
1.200
1.235
1.260
1.270
V
V
MIC2951-3.3 (±1%)
1.210
1.200
1.235
1.260
1.270
V
V
Reference Voltage
MIC2951-4.8 (±1%)
1.210
1.200
1.235
1.260
1.270
V
V
MIC295x-02/-05 (±0.5%), Note 14
1.190
1.270
V
MIC295x-03/-06 (±1%), Note 14
1.185
1.285
V
MIC2951-3.3 (±1%), Note 14
1.185
1.285
V
Reference Voltage
MIC2951-4.8 (±1%), Note 14
1.185
1.285
V
Feedback Bias Current
20
40
60
nA
nA
MIC295x-02/05 (±0.5%), Note 9
20
ppm/°C
MIC295x-03/06 (±1%), Note 9
50
ppm/°C
MIC2951-3.3 (±1%), Note 9
50
ppm/°C
Reference Voltage
Temperature Coefficient
MIC2951-4.8 (±1%), Note 9
50
ppm/°C
Feedback Bias Current
Temperature Coefficient
0.1
nA/°C
Error Comparator (Flag)
Output Leakage Current
VOH = 30V
0.01
1.00
2.00
µA
µA
Error Comparator (Flag)
Output Low Voltage (Flag)
VIN = 4.5V, IOL = 200µA
150
250
400
mV
mV
Error Comparator (Flag)
Upper Threshold Voltage
Note 15
40
25
60
mV
mV
Error Comparator
Lower Threshold Voltage
Note 15
75
95
140
mV
mV
Error Comparator Hysteresis
Note 15
15
mV


Similar Part No. - MIC2951-03BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2951-03BMM MICREL-MIC2951-03BMM Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
MIC2951-03BMM MICREL-MIC2951-03BMM Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC2951-03BMM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com