Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2954-02WT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2954-02WT
Description  250mA Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2954-02WT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2954-02WT Datasheet HTML 1Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 2Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 3Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 4Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 5Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 6Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 7Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 8Page - Micrel Semiconductor MIC2954-02WT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC2954
September 2007
4
M9999-090607
Absolute Maximum Ratings(1)
Supply Voltage (VIN)....................................... –20V to +60V
Feedback Voltage (VFB)
(14, 15)........................ –1.5V to +26V
Shutdown Input Voltage (VSHDN).................... –0.3V to +30V
Error Output Voltage (VERR) .......................... –0.3V to +30V
Power Dissipation (PD)
(4) ..........................Internally Limited
Lead Temperature (soldering, 5 sec.)........................ 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(3)
Operating Ratings(2)
Supply Voltage (VIN)...................................... +2.0V to +30V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance (
θJC, θJA)
(5)
Electrical Characteristics
MIC2954-07/08: VFB = VTAP; VSNS = VOUT; VSHDN ≤ 0.6V. All versions: VIN = 6V; IL = 1mA; CL = 2.2µF; TJ = 25°C,
bold values indicate –40°C ≤ TJ ≤ +125°C; Note 8; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
MIC2954-02/-07 (±0.5%)
4.975
4.940
5.000
5.025
5.060
V
V
MIC2954-02/-07 (±0.5%), 1mA ≤ IL ≤ 250mA
4.930
5.000
5.070
V
MIC2954-03/-08 (±1%)
4.950
4.900
5.000
5.050
5.100
V
V
VOUT
Output Voltage
MIC2954-03/-08 (±1%), 1mA ≤ IL ≤ 250mA
4.880
5.000
5.120
V
MIC2954-02/-07 (±0.5%)
20
100
ppm/°C
∆VOUT/∆T
Output Voltage Temperature
Coefficient,
Note 6
MIC2954-03/-08 (±1%)
20
150
ppm/°C
MIC2954-02/-07 (±0.5%), VIN = 6V to 26V
0.03
0.10
0.20
%/V
%/V
∆VOUT/VOUT
Line Regulation,
Note 7
MIC2954-03/-08 (±1%), VIN = 6V to 26V
0.03
0.20
0.40
%/V
%/V
MIC2954-02/-07 (±0.5%), IL = 1 to 250mA
0.04
0.16
0.20
%/V
%/V
∆VOUT/VOUT
Load Regulation,
Note 8
MIC2954-03/-08 (±1%), IL = 1 to 250mA
0.04
0.20
0.30
%/V
%/V
Dropout Voltage,
Note 9
IL = 1mA
60
100
150
mV
mV
IL = 50mA
220
250
420
mV
mV
IL = 100mA
250
300
450
mV
mV
VIN – VOUT
IL = 250mA
375
450
600
mV
mV
Ground Pin Current,
Note 10
IL = 1mA
140
200
300
µA
µA
IL = 50mA
0.5
1
2
mA
mA
IL = 100mA
1.7
2.5
3.5
mA
mA
IGND
IL = 250mA
5
9
12
mA
mA
IGND(DO)
Ground Pin Current at Dropout,
Note 10
VIN = 4.5V
180
300
µA


Similar Part No. - MIC2954-02WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954-02BS MICREL-MIC2954-02BS Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
MIC2954-02BT MICREL-MIC2954-02BT Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
MIC2954-02BZ MICREL-MIC2954-02BZ Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
More results

Similar Description - MIC2954-02WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com