Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4575-3.3BT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4575-3.3BT
Description  200kHz Simple 1A Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575-3.3BT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4575-3.3BT Datasheet HTML 2Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 3Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 4Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 5Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 6Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 7Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 8Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 9Page - Micrel Semiconductor MIC4575-3.3BT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
MIC4575
July 2009
6
M9999-072909
Application Information
The applications circuits that follow have been
constructed and tested. Refer to Application Note 15 for
additional information, including efficiency graphs and
manufacturer’s addresses and telephone numbers for
most circuits.
For a mathematical approach to component selection
and circuit design, refer to Application Note 14.
Figure 1. 6V–24V to 3.3V/1A Buck Converter
Through Hole
Figure 2. 8V–24V to 5V/1A Buck Converter
Through Hole
C1
68µF
63V
MBR160
C2
330µF
16V
L1
150µH
GND
FB
SW
MIC4575BT
SHDN
16V to 24V
12V/1A
VIN
R2
13.0k
1%
R1
1.50k
1%
C1 Nichicon
C2 Nichicon
D1 Motorola
MBR160
L1 Sumida
5
1
4
2
3
Figure 3. 16V–24V to 12V/1A Buck Converter
Through Hole
Note 2:
Surface-mount component.
Figure 4. 6V–24V to 3.3V/1A Buck Converter
Low-Profile Surface Mount
Figure 5. 8V–24V to 5V/1A Buck Converter
Low-Profile Surface Mount
Figure 6. 16V–24V to 12V/1A Buck Converter
Low-Profile Surface Mount
Figure 7. 6V–24V to 3.3V/1A Buck Converter
Lower-Cost Surface Mount


Similar Part No. - MIC4575-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575-3.3BT MICREL-MIC4575-3.3BT Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
More results

Similar Description - MIC4575-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com