Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3775-1.65YMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3775-1.65YMM
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775-1.65YMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3775-1.65YMM Datasheet HTML 1Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 2Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 3Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775-1.65YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC3775
750mA µCap Low-Voltage
Low-Dropout Regulator
PowerPC is a trademark of IBM Corp.
Super βeta PNP is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2006
1
M9999-121906
General Description
The MIC3775 is a 750mA low-dropout linear voltage
regulators that provides low-voltage, high-current output
from an extremely small package. Utilizing Micrel’s
proprietary Superβeta PNP
® pass element, the MIC3775
offers extremely low-dropout (typically 280mV at 750mA)
and low ground current (typically 7.5mA at 750mA).
The MIC3775 is ideal for PC add-in cards that need to
convert from standard 5V to 3.3V or 3.0V, 3.3V to 2.5V or
2.5V to 1.8Vor 1.65V. A guaranteed maximum dropout
voltage of 500mV over all operating conditions allows the
MIC3775 to provide 2.5V from a supply as low as 3.0V and
1.8V or 1.5V from a supply as low as 2.25V.
The MIC3775 is fully protected with overcurrent limiting,
thermal shutdown, and reversed-leakage protection. Fixed
and adjustable output voltage options are available with an
operating temperature range of –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Fixed and adjustable output voltages to 1.24V
• 280mV typical dropout at 750mA
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.65V conversion
• Stable with ceramic capacitor
• 750mA minimum guaranteed output current
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-leakage protection
• Fast transient response
• Low-profile power MSOP-8 package
Applications
• Fiber optic modules
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Battery chargers
• Low-voltage microcontrollers and digital logic
___________________________________________________________________________________________________________
Typical Application
1.25V/750mA Adjustable Regulator


Similar Part No. - MIC3775-1.65YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3775-1.65BMM MICREL-MIC3775-1.65BMM Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC3775-1.65YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com