Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4576-3.3BT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4576-3.3BT
Description  200kHz Simple 3A Buck Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576-3.3BT Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC4576-3.3BT Datasheet HTML 1Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 2Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 3Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 4Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 5Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 6Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 7Page - Micrel Semiconductor MIC4576-3.3BT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MIC4576
Micrel, Inc.
MIC4576
8
March 2006
Package Information
0.018 ±0.008
(0.46 ±0.20)
0.268 REF
(6.81 REF)
0.032 ±0.005
(0.81 ±0.13)
0.550 ±0.010
(13.97 ±0.25)
Typ.
SEATING
PLANE
0.578 ±0.018
(14.68 ±0.46)
0.108 ±0.005
(2.74 ±0.13)
0.050 ±0.005
(1.27 ±0.13)
0.150 D ±0.005
(3.81 D ±0.13)
0.400 ±0.015
(10.16 ±0.38)
0.177 ±0.008
(4.50 ±0.20)
0.103 ±0.013
(2.62±0.33)
0.241 ±0.017
(6.12 ±0.43)
0.067 ±0.005
(1.70 ±0.127)
inch
(mm)
Dimensions:
5-Pin TO-220 (T)
0.067 ±0.005
0.032 ±0.003
0.360 ±0.005
0.600 ±0.025
0.405 ±0.005
0.060 ±0.005
0.176 ±0.005
8° MAX
0.100 ±0.01
0.050 ±0.005
0.015 ±0.002
0.004 +0.004
–0.008
SEATING PLANE
0.065 ±0.010
20°±2°
DIM. = INCH
5-Pin TO-263 (U)
MICREL INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by�
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not�
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's
use or sale of Micrel Pr�
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Inc.


Similar Part No. - MIC4576-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576-3.3BT MICREL-MIC4576-3.3BT Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
More results

Similar Description - MIC4576-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com