Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC6543L Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC6543L
Description  One-Time Programmable 4-Bit Single-Chip Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6543L Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC6543L Datasheet HTML 5Page - Sanyo Semicon Device LC6543L Datasheet HTML 6Page - Sanyo Semicon Device LC6543L Datasheet HTML 7Page - Sanyo Semicon Device LC6543L Datasheet HTML 8Page - Sanyo Semicon Device LC6543L Datasheet HTML 9Page - Sanyo Semicon Device LC6543L Datasheet HTML 10Page - Sanyo Semicon Device LC6543L Datasheet HTML 11Page - Sanyo Semicon Device LC6543L Datasheet HTML 12Page - Sanyo Semicon Device LC6543L Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
• Option data area and definition
Bits specified to be 0 must be set to 0.
00 ... Illegal value
01 ... Illegal value
10 ... Two-pin RC oscillator, 1-pin external drive
(2PORT RC OSC, 1PORT EXT)
11 ... Two-pin ceramic oscillator
(2PORT CF OSC)
Oscillator divider specification
Oscillator type specification
00 1/1 (direct)
01 1/3
10 1/4
11 ... Illegal value
Port C output level at initial reset
0 Low-level output
1 High-level output
Port D output level at initial reset
0 Low-level output
1 High-level output
Comparator function specification
0 No feedback resistor
1 Feedback resistor present
Port input function specification
0 Comparator input
1 Port E input
Port C output type specification
0 Open-drain output
1 Pull-up resistor output
Port A output type specification
Port C output type specification
These bits must be set to 0.
Note: Although all ports are set up to be open-drain outputs regardless of the port option data in the LC65P29, be sure to specify the port option data if you
are using the LC6529N/F/L (mask ROM version).
0 Open-drain output
1 Pull-up resistor output
These bits must be set to 0.
0 Open-drain output
1 Pull-up resistor output
These bits must be set to 0.
Port D output type specification
0 Open-drain output
1 Pull-up resistor output
No. 5894-9/14
LC65P29


Similar Part No. - LC6543L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC6543L SANYO-LC6543L Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
More results

Similar Description - LC6543L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
logo
Sanyo Semicon Device
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com