Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4680-3.3YM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4680-3.3YM
Description  1A 200kHz SuperSwitcher Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4680-3.3YM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4680-3.3YM Datasheet HTML 3Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 4Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 5Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 6Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 7Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 8Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 9Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 10Page - Micrel Semiconductor MIC4680-3.3YM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
MIC4680
March 2008
7
M9999-032808
Bode Plots
The following bode plots show that the MIC4680 is stable over all conditions using a 68µF inductor (L) and a 220µF
output capacitor
(COUT). To assure stability, it is a good practice to maintain a phase margin of greater than 35°.


Similar Part No. - MIC4680-3.3YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4680-3.3YM-TR MICROCHIP-MIC4680-3.3YM-TR Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
More results

Similar Description - MIC4680-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com