Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4575-5.0WT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4575-5.0WT
Description  200kHz Simple 1A Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575-5.0WT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4575-5.0WT Datasheet HTML 5Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 6Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 7Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 8Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 9Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 10Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 11Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 12Page - Micrel Semiconductor MIC4575-5.0WT Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
MIC4575
July 2009
9
M9999-072909
Figure 16. 1A Battery Charger (6–8 cells)
C3
0.01µF
C1
150µF
35V
D1
1N5819
GND
FB
SW
MIC4575-BT
SHDN
VIN
8V to 24V
VIN
U1 Micrel
MIC4575BT
U2 National
LM358
U3 Micrel
LM4041CIZ-1.2
C1 Nichicon
C2 Nichicon
D1 Motorola
1N5819
D2 Motorola
1N5819
D3 Motorola
1N4148
L1 Coiltronics
R1 KRL
SP-1-A1-0R100J
Q1 Siliconix
VN2222LL
3
4
2
5
1
3
2
1
DZ1
1N5244
14V
R3
10k
R1
0.1
R2
100
1%
C2
330µF
16V
D2
1N5819
7
8
5
6
4
VIN
R4
1.21k
1%
U2B
1/2 LM358
Q1
VN2222LL
VR1
10k
U3
LM4041CIZ-1.2
VIN
R5
10k
2-8 Cells
VBATT
IOUT
0.1A to 1A
U2A
1/2LM358
L1
68µH
R6
3k
C4
1000pF
R7
1k
V
/ 0.9 + 2.5V
D3
1N4148
Figure 17. 0.1A–1A Variable-Current Battery Charger


Similar Part No. - MIC4575-5.0WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575-5.0BT MICREL-MIC4575-5.0BT Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4575-5.0BU MICREL-MIC4575-5.0BU Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
More results

Similar Description - MIC4575-5.0WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com