Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4684YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4684YM
Description  2A High-Efficiency SuperSwitcher Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4684YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4684YM Datasheet HTML 1Page - Micrel Semiconductor MIC4684YM Datasheet HTML 2Page - Micrel Semiconductor MIC4684YM Datasheet HTML 3Page - Micrel Semiconductor MIC4684YM Datasheet HTML 4Page - Micrel Semiconductor MIC4684YM Datasheet HTML 5Page - Micrel Semiconductor MIC4684YM Datasheet HTML 6Page - Micrel Semiconductor MIC4684YM Datasheet HTML 7Page - Micrel Semiconductor MIC4684YM Datasheet HTML 8Page - Micrel Semiconductor MIC4684YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC4684
January 2010
2
M9999-012610
Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Switch (Output): Emitter of NPN output switch. Connect to external storage
inductor and Shottky diode.
2, 6, 7
GND
Ground
3
IN
Supply (Input): Unregulated +4V to 30V supply voltage (34V transient)
4
BS
Booststrap Voltage Node (External Component): Connect to external boost
capacitor.
5
FB
Feedback (Input): Outback voltage feedback to regulator. Connect to output
of supply for fixed versions. Connect to 1.23V tap of resistive divider for
adjustable versions.
8
EN
Enable (Input): Logic high = enable; logic low = shutdown
Pin Configuration
1
SW
GND
VIN
BS
8 EN
GND
GND
FB
7
6
5
2
3
4
8-Pin SOP (M)
Detailed Pin Description
Switch (SW, pin 1)
The switch pin is tied to the emitter of the main internal NPN
transistor. This pin is biased up to the input voltage minus the
VSATofthemainNPNpasselement.Theemitterisalsodriven
negative when the output inductor’s magnetic field collapses
at turn-off. During the OFF time the SW pin is clamped by
the output schottky diode to a –0.5V typically.
Ground (GND, pins 2,6,7)
There are two main areas of concern when it comes to the
ground pin, EMI and ground current. In a buck regulator
or any other non-isolated switching regulator the output
capacitor(s) and diode(s) ground is referenced back to the
switchingregulator’sorcontroller’sgroundpin.Anyresistance
between these reference points causes an offset voltage/IR
drop proportional to load current and poor load regulation.
This is why its important to keep the output grounds placed
as close as possible to the switching regulator’s ground pin.
To keep radiated EMI to a minimum its necessary to place
the input capacitor ground lead as close as possible to the
switching regulators ground pin.
Input Voltage (VIN, pin 3)
The VIN pin is the collector of the main NPN pass element.
This pin is also connected to the internal regulator. The output
diode or clamping diode should have its cathode as close as
possible to this point to avoid voltage spikes adding to the
voltage across the collector.
Bootstrap (BS, pin 4)
The bootstrap pin in conjunction with the external bootstrap
capacitor provides a bias voltage higher than the input volt-
age to the MIC4684’s main NPN pass element.The bootstrap
capacitor sees the dv/dt of the switching action at the SW
pin as an AC voltage. The bootstrap capacitor then couples
the AC voltage back to the BS pin plus the dc offset of VIN
where it is rectified and used to provide additional drive to
the main switch, in this case a NPN transistor.
ThisadditionaldrivereducestheNPN’ssaturationvoltageand
increases efficiency, from a VSAT of 1.8V, and 75% efficiency
to a VSAT of 0.5V and 88% efficiency respectively.
Feedback (FB, pin 5)
The feedback pin is tied to the inverting side of a GM error
amplifier. The noninverting side is tied to a 1.235V bandgap
reference. Fixed voltage versions have an internal voltage
divider from the feedback pin. Adjustable versions require an
external resistor voltage divider from the output to ground,
with the center tied to the feedback pin.
Enable (EN, pin 8)
The enable (EN) input is used to turn on the regulator and is
TTL compatible. Note: connect the enable pin to the input if
unused. A logic-high enables the regulator. A logic-low shuts
down the regulator and reduces the stand-by quiescent
input current to typically 150µA. The enable pin has an up-
per threshold of 2.0V minimum and lower threshold of 0.8V
maximum. The hysterisis provided by the upper and lower
thresholds acts as an UVLO and prevents unwanted turn on
of the regulator due to noise.


Similar Part No. - MIC4684YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684BM MICREL-MIC4684BM Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
More results

Similar Description - MIC4684YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
logo
Renesas Technology Corp
ISL78322 RENESAS-ISL78322 Datasheet
1Mb / 17P
   Dual 2A/1.7A, 2.25MHz High-Efficiency, Synchronous Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com