Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4684YM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4684YM
Description  2A High-Efficiency SuperSwitcher Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4684YM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4684YM Datasheet HTML 1Page - Micrel Semiconductor MIC4684YM Datasheet HTML 2Page - Micrel Semiconductor MIC4684YM Datasheet HTML 3Page - Micrel Semiconductor MIC4684YM Datasheet HTML 4Page - Micrel Semiconductor MIC4684YM Datasheet HTML 5Page - Micrel Semiconductor MIC4684YM Datasheet HTML 6Page - Micrel Semiconductor MIC4684YM Datasheet HTML 7Page - Micrel Semiconductor MIC4684YM Datasheet HTML 8Page - Micrel Semiconductor MIC4684YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
January 2010
3
M9999-012610
MIC4684
Micrel, Inc.
Electrical Characteristics
VIN = VEN = 12V, VOUT = 5V; IOUT = 500mA; TA = 25°C, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage
(±2%)
1.210
1.235
1.260
V
(±3%)
1.198
1.272
V
8V ≤ VIN ≤ 30V, 0.1A ≤ ILOAD ≤ 1A, VOUT = 5V
1.186
1.235
1.284
V
1.173
1.297
V
Feedback Bias Current
50
nA
Maximum Duty Cycle
VFB = 1.0V
94
%
Output Leakage Current
VIN = 30V, VEN = 0V, VSW = 0V
5
500
µA
VIN = 30V, VEN = 0V, VSW = –1V
1.4
20
mA
Quiescent Current
VFB = 1.5V
6
12
mA
Bootstrap Drive Current
VFB = 1.5V, VSW = 0V
250
380
mA
Bootstrap Voltage
IBS = 10mA, VFB = 1.5V, VSW = 0V
5.5
6.2
V
Frequency Fold Back
VFB = 0V
30
50
120
kHz
Oscillator Frequency
180
200
225
kHz
Saturation Voltage
IOUT = 1A
0.59
V
Short Circuit Current Limit
VFB = 0V, See Test Circuit
2.2
A
Shutdown Current
VEN = 0V
150
µA
Enable Input Logic Level
regulator on
2
V
regulator off
0.8
V
Enable Pin Input Current
VEN = 0V (regulator off)
16
50
µA
VEN = 12V (regulator on)
–1
–0.83
mA
Thermal Shutdown @ TJ
160
°C
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. 2.5V of headroom is required between VIN and VOUT. The headroom can be reduced by implementing a feed-forward diode a seen on the 5V
to 3.3V circuit on page 1.
Note 5. Measured on 1” square of 1 oz. copper FR4 printed circuit board connected to the device ground leads.
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN), Note 3.......................................+34V
Enable Voltage (VEN)......................................–0.3V to +VIN
Steady-State Output Switch Voltage (VSW).........–1V to VIN
Feedback Voltage (VFB) ..............................................+12V
Storage Temperature (TS) ........................ –65°C to +150°C
ESD Rating...............................................................
Note 3
Operating Ratings (Note 2)
Supply Voltage (VIN) Note 4............................ +4V to +30V
Ambient Temperature (TA).......................... –40°C to +85°C
Junction Temperature (TJ)........................ –40°C to +125°C
Package Thermal Resistance
θJA, Note 5 ..........................................................75°C/W
θJC, Note 5 ..........................................................25°C/W


Similar Part No. - MIC4684YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684BM MICREL-MIC4684BM Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
More results

Similar Description - MIC4684YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
logo
Renesas Technology Corp
ISL78322 RENESAS-ISL78322 Datasheet
1Mb / 17P
   Dual 2A/1.7A, 2.25MHz High-Efficiency, Synchronous Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com