Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4575-3.3WU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4575-3.3WU
Description  200kHz Simple 1A Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575-3.3WU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4575-3.3WU Datasheet HTML 1Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 2Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 3Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 4Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 5Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 6Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 7Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 8Page - Micrel Semiconductor MIC4575-3.3WU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC4575
200kHz Simple 1A Buck Regulator
Pentium is a registered trademark of Intel Corporation
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2009
1
M9999-072909
General Description
The MIC4575 is a series of easy to use fixed and
adjustable BiCMOS step-down (buck) switch-mode voltage
regulators. The 200kHz MIC4575 duplicates the pinout
and function of the 52kHz LM2575. The higher switching
frequency may allow up to a 2:1 reduction in output filter
inductor size.
The MIC4575 is available in 3.3V, and 5V fixed output
versions or a 1.23V to 20V adjustable output version. Both
versions are capable of driving a 1A load with excellent
line and load regulation.
The feedback voltage is guaranteed to ±2% tolerance for
adjustable versions, and the output voltage is guaranteed
to ±3% for fixed versions, within specified voltages and
load conditions. The oscillator frequency is guaranteed to
±10%.
In shutdown mode, the regulator draws less than 200µA
standby current. The regulator performs cycle-by-cycle
current limiting and thermal shutdown for protection under
fault conditions.
This series of simple switch-mode regulators requires a
minimum number of external components and can operate
using a standard series of inductors. Frequency comp-
ensation is provided internally.
The MIC4575 is available in TO-220 (T) and TO-263 (U)
packages for the industrial temperature range.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Fixed 200kHz operation
• 3.3V, 5V, and adjustable output versions
• Voltage over specified line and load conditions:
• Fixed version: ±3% max. output voltage
• Adjustable version: ±2% max. feedback voltage
• Guaranteed 1A switch current
• Wide 4V to 24V input voltage range
• Wide 1.23V to 20V output voltage range
• Requires minimum external components
• < 200µA typical shutdown mode
• 75% efficiency (adjustable version > 75% typical)
• Standard inductors and capacitors are25% of typical
LM2575 values
• Thermal shutdown
• Overcurrent protection
• 100% electrical thermal limit burn-in
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive-to-negative converter (inverting buck-boost)
• Battery charger
• Negative boost converter
• Step-down 6V to 3.3V for Intel Pentium® and similar
microprocessors
___________________________________________________________________________________________________________
Typical Application
C1
150µF
35V
D1
1N5819
C2
330µF
16V
L1
68µH
GND
FB
SW
MIC4575-5.0_T
SHDN
8V to 24V
5.0V/1A
VIN
3
4
2
5
1
Shutdown
Enable
Fixed Regulator
Adjustable Regulator


Similar Part No. - MIC4575-3.3WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575-3.3BT MICREL-MIC4575-3.3BT Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4575-3.3BU MICREL-MIC4575-3.3BU Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
More results

Similar Description - MIC4575-3.3WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com