Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4576WT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4576WT
Description  200kHz Simple 3A Buck Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4576WT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4576WT Datasheet HTML 1Page - Micrel Semiconductor MIC4576WT Datasheet HTML 2Page - Micrel Semiconductor MIC4576WT Datasheet HTML 3Page - Micrel Semiconductor MIC4576WT Datasheet HTML 4Page - Micrel Semiconductor MIC4576WT Datasheet HTML 5Page - Micrel Semiconductor MIC4576WT Datasheet HTML 6Page - Micrel Semiconductor MIC4576WT Datasheet HTML 7Page - Micrel Semiconductor MIC4576WT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
March 2006
5
MIC4576
MIC4576
Micrel, Inc.
Block Diagrams
200kHz
Oscillator
1.23V
Bandgap
3A
Switch
Thermal
Shutdown
Current
Limit
Driver
Internal
Regulator
FB
SW
GND
VIN
+36V max.
CIN
COUT
L1
D1
Shutdown
Enable
SHDN
VOUT
MIC4576 [Adjustable]
R1
R2
Com-
parator
Error
Amp.
200kHz
Oscillator
1.23V
Bandgap
3A
Switch
Thermal
Shutdown
Current
Limit
Driver
Internal
Regulator
FB
SW
GND
VIN
+36V max.
CIN
COUT
L1
D1
Shutdown
Enable
SHDN
VOUT
MIC4576-x.x
R1
R2
Com-
parator
Error
Amp.
Block Diagram with External Components
Adjustable Step-Down Regulator
Block Diagram with External Components
Fixed Step-Down Regulator


Similar Part No. - MIC4576WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4576-3.3BT MICREL-MIC4576-3.3BT Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4576-3.3BU MICREL-MIC4576-3.3BU Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4576-5.0BT MICREL-MIC4576-5.0BT Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4576-5.0BU MICREL-MIC4576-5.0BU Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
More results

Similar Description - MIC4576WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
   200kHz Simple 1A Buck Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
logo
Micrel Semiconductor
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com