Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4690BM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4690BM
Description  500kHz 1A SuperSwitcher Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690BM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4690BM Datasheet HTML 1Page - Micrel Semiconductor MIC4690BM Datasheet HTML 2Page - Micrel Semiconductor MIC4690BM Datasheet HTML 3Page - Micrel Semiconductor MIC4690BM Datasheet HTML 4Page - Micrel Semiconductor MIC4690BM Datasheet HTML 5Page - Micrel Semiconductor MIC4690BM Datasheet HTML 6Page - Micrel Semiconductor MIC4690BM Datasheet HTML 7Page - Micrel Semiconductor MIC4690BM Datasheet HTML 8Page - Micrel Semiconductor MIC4690BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC4690
Micrel
MIC4690
2
April 2005
Pin Configuration
1
SHDN
VIN
SW
FB
8
GND
GND
GND
GND
7
6
5
2
3
4
SOP-8 (M)
Pin Description
Pin Number
Pin Name
Pin Function
1
SHDN
Shutdown (Input): Logic low enables regulator. Logic high (>1.5V) shuts
down regulator.
2
VIN
Supply Voltage (Input): Unregulated +4V to +30V continuous supply
voltage, with a maximum +34V transient voltage.
3
SW
Switch (Output): Emitter of NPN output switch. Connect to external storage
inductor and Schottky diode.
4
FB
Feedback (Input): Connect to output on fixed output voltage versions, or to
1.23V-tap of voltage-divider network for adjustable version.
5-8
GND
Ground
Ordering Information
Part Number
Standard
Lead-Free
Voltage
Temperature Range
Package
MIC4690BM
MIC4690YM
Adjustable
–40°C to +125°C
8-lead SOP


Similar Part No. - MIC4690BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690BM MICREL-MIC4690BM Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
More results

Similar Description - MIC4690BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com