Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4690YM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4690YM
Description  500kHz 1A SuperSwitcher Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690YM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4690YM Datasheet HTML 1Page - Micrel Semiconductor MIC4690YM Datasheet HTML 2Page - Micrel Semiconductor MIC4690YM Datasheet HTML 3Page - Micrel Semiconductor MIC4690YM Datasheet HTML 4Page - Micrel Semiconductor MIC4690YM Datasheet HTML 5Page - Micrel Semiconductor MIC4690YM Datasheet HTML 6Page - Micrel Semiconductor MIC4690YM Datasheet HTML 7Page - Micrel Semiconductor MIC4690YM Datasheet HTML 8Page - Micrel Semiconductor MIC4690YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 2005
5
MIC4690
MIC4690
Micrel
Typical Characteristics
1.223
1.225
1.227
1.229
1.231
1.233
1.235
1.237
1.239
1.241
1.243
-40 -20 0 20 40 60 80 100120140
TEMPERTURE (°C)
Reference Voltage
vs. Temperature
V
IN = 12V
V
OUT = 5V
I
OUT = 100mA
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
8.6
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
V
IN = 12.0V
V
OUT = 5.0V
I
OUT = 0
0
10
20
30
40
50
60
70
80
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Efficiency
vs. Input Voltage
V
OUT = 5V
I
OUT = 1A
0
100
200
300
400
500
600
-50
0
50
100
150
Temperature (°C)
Frequency vs.
Temperature
V
IN = 12V
V
OUT = 5V
I
OUT = 100mA
0
50
100
150
200
250
300
-50
0
50
100
150
Temperature (°C)
Frequency Foldback
vs. Temperature
V
IN = 12V
V
OUT = 5V
I
OUT = 100mA
5.000
5.005
5.010
5.015
5.020
5.025
0
0.2 0.4 0.6 0.8
1
1.2 1.4
OUTPUT CURRENT (A)
Load Regulation
V
IN = 12V
V
OUT = 5V
4.96
4.98
5.00
5.02
5.04
5.06
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Line Regulation
V
IN = 12V
V
OUT = 5V
I
OUT = 500mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Shutdown Current
vs. Temperature
V
SHDN = VIN
= 12V
V
OUT
= 5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
0
40
80
120
160
TEMPERATURE (°C)
Shutdown Hysteresis
vs. Temperature
ON
OFF
V
IN = 12.0V
V
OUT = 5.0V
I
OUT = 100mA
68
70
72
74
76
78
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4
OUTPUT CURRENT (A)
Efficiency vs.
Output Current
V
IN = 12.0V
V
OUT = 5.0V


Similar Part No. - MIC4690YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4690BM MICREL-MIC4690BM Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
More results

Similar Description - MIC4690YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com