Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4690YM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4690YM
Description  500kHz 1A SuperSwitcher Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4690YM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4690YM Datasheet HTML 1Page - Micrel Semiconductor MIC4690YM Datasheet HTML 2Page - Micrel Semiconductor MIC4690YM Datasheet HTML 3Page - Micrel Semiconductor MIC4690YM Datasheet HTML 4Page - Micrel Semiconductor MIC4690YM Datasheet HTML 5Page - Micrel Semiconductor MIC4690YM Datasheet HTML 6Page - Micrel Semiconductor MIC4690YM Datasheet HTML 7Page - Micrel Semiconductor MIC4690YM Datasheet HTML 8Page - Micrel Semiconductor MIC4690YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2005
1
MIC4690
MIC4690
Micrel
MIC4690
500kHz 1A SuperSwitcher™ Buck Regulator
General Description
The MIC4690 SuperSwitcher™ is an easy-to-use, 500kHz
step-down PWM voltage regulator. The MIC4690 achieves
over 1A of continuous output current over a wide input voltage
range in an 8-lead SO (small outline) package.
The high switching frequency of the MIC4690 allows the
smallest surface-mount inductors and capacitors to be used.
Internal compensation ensures fast transient response and a
minimum amount of external components.
The MIC4690 features a power SO-8 package with a special
lead frame that allows over 1A of continuous current. The
MIC4690, housed in an SO-8, can replace larger TO-220 and
TO-263 packages in many applications.
The MIC4690 allows for a high degree of safety. It has a wide
input voltage range of 4V to 34V, allowing for it to be used in
applications where input voltage transients may be present.
Built-in safety features include over-current protection, fre-
quency foldback protection, and thermal shutdown.
The MIC4690 is available in an 8-lead SO package with a
junction temperature range of –40°C to +125°C.
Typical Application
SW
L1
10µH
VIN
FB
GND
SHDN
C2
100µF
4V
R1
3.01k
R2
2.94k
2.5V/1A
MIC4690BM
C1
22µF
10V
5V
SHUTDOWN
ENABLE
Power
SOP-8
5Ð8
4
3
2
1
D1
2A
20V
2.5V Adjustable Converter
SW
L1
18µH
VIN
FB
GND
SHDN
C2
220µF
4V
R1
3.01k
R2
6.49k
1.8V/1A
MIC4690BM
C1
22µF
10V
4V to 30V
(34V Transient)
SHUTDOWN
ENABLE
Power
SOP-8
5Ð8
4
3
2
1
D1
2A
20V
1.8V Adjustable Converter
Features
• SO-8 package with over 1A output current
• Fixed 500kHz operation
• Wide 4V to 34Vinput voltage range
• Output voltage adjustable to 1.23V
• All surface mount solution
• Internally compensated with fast transient response
• Up to 85% efficiency
• Overcurrent protection
• Frequency foldback short-circuit protection
• Thermal shutdown
Applications
• Simple 1A step-down (buck) regulator
• Replacement of TO-220 and TO-263 designs
• 12V to 5V/3.3V/2.5V/1.8V/1.5V conversion
• 5V to 2.5V/1.8V/1.5V conversion
• On-card switching regulators
• Hard disk drives
• Cable modems
• Positive-to-negative converters
• Simple battery chargers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
SuperSwitcher is a trademark of Micrel, Inc.


Similar Part No. - MIC4690YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4690BM MICREL-MIC4690BM Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
More results

Similar Description - MIC4690YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
   1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
   3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
   3A SPAK SuperSwitcher??Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
   2A High-Efficiency SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
   2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
   2A-Peak SuperSwitcher SOP-8 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com