Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4723YMME Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4723YMME
Description  3A 2MHz Integrated Switch Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4723YMME Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4723YMME Datasheet HTML 5Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 6Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 7Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 8Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 9Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 10Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 11Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 12Page - Micrel Semiconductor MIC4723YMME Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC4723
June 2008
9
M9999-060308-E
Application Information
The MIC4723 is a 3A PWM non-synchronous buck
regulator. By switching an input voltage supply, and
filtering the switched voltage through an Inductor and
capacitor, a regulated DC voltage is obtained. Figure 1
shows a simplified example of a non-synchronous buck
converter.
Figure 1. Example of non-synchronous buck converter
For a non-synchronous buck converter, there are two
modes of operation; continuous and discontinuous.
Continuous or discontinuous refer to the inductor
current. If current is continuously flowing through the
inductor
throughout
the
switching
cycle,
it
is
in
continuous operation. If the inductor current drops to
zero during the off time, it is in discontinuous operation.
Critically continuous is the point where any decrease in
output current will cause it to enter discontinuous
operation. The critically continuous load current can be
calculated as follows;
L
2
2.0MHz
V
V
V
I
IN
2
OUT
OUT
OUT
×
×
=
Continuous or discontinuous operation determines how
we calculate peak inductor current.
Continuous Operation
Figure 2 illustrates the switch voltage and inductor
current during continuous operation.
Figure 2. Continuous Operation
The
output
voltage
is
regulated
by
pulse
width
modulating (PWM) the switch voltage to the average
required output voltage. The switching can be broken up
into two cycles; On and Off.
During the on-time,
Figure 3 illustrates the high side
switch is turned on, current flows from the input supply
through the inductor and to the output. The inductor
current is:
Figure 3. On-Time
charged at the rate;
(
)
L
V
V
OUT
IN
To determine the total on-time, or time at which the
inductor charges, the duty cycle needs to be calculated.
The duty cycle can be calculated as;
IN
OUT
V
V
D
=
and the On time is;
2.0MHz
D
TON =
Therefore, peak to peak ripple current is;
()
L
2.0MHz
V
V
V
V
I
IN
OUT
OUT
IN
pk
pk
×
×
=
Since the average peak to peak current is equal to the
load current. The actual peak (or highest current the
inductor will see in a steady-state condition) is equal to
the output current plus ½ the peak-to-peak current.
()
L
2.0MHz
2
V
V
V
V
I
I
IN
OUT
OUT
IN
OUT
pk
×
×
×
+
=
Figure 4 demonstrates the off-time. During the off-time,
the high-side internal P-channel MOSFET turns off.
Since the current in the inductor has to discharge, the
current flows through the free-wheeling Schottky diode
to the output. In this case, the inductor discharge rate is
(where VD is the diode forward voltage);


Similar Part No. - MIC4723YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
More results

Similar Description - MIC4723YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com