Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4724YMME Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4724YMME
Description  3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4724YMME Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4724YMME Datasheet HTML 1Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 2Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 3Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 4Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 5Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 6Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 7Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 8Page - Micrel Semiconductor MIC4724YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC4724
June 2008
3
M9999-062408-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)....................................................+6.5V
Output Switch Voltage (VSW) .......................................+6.5V
Output Switch Current (ISW)............................................11A
Logic Input Voltage (VEN) .................................. –0.3V to VIN
Storage Temperature (Ts) .........................–60°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +3.0V to +6.0V
Logic Input Voltage (VEN) ....................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
JA) ...................................................................63°C/W
Electrical Characteristics
(4)
VIN = VEN = 3.6V; L = 1µH; COUT = 4.7µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
3.0
6.0
V
Under-Voltage Lockout
Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current
VFB = 0.9 * VNOM (not switching)
570
900
µA
Shutdown Current
VEN = 0V
2
15
µA
[Adjustable] Feedback
Voltage
± 2% (over temperature) ILOAD = 100mA
0.98
1.02
V
FB pin input current
1
nA
Current Limit in PWM Mode
VFB = 0.9 * VNOM
3.5
5
A
Output Voltage Line
Regulation
VOUT > 2V; VIN = VOUT+500mV to 6.0V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 6.0V; ILOAD= 100mA
0.07
%
%
Output Voltage Load
Regulation
20mA < ILOAD < 3A
0.2
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch ON-
Resistance
ISW = 50mA; VFB = GND (High Side Switch)
110
mΩ
mΩ
Oscillator Frequency
2
MHz
Enable Threshold
0.5
0.85
1.3
V
Enable Hysteresis
50
mV
Enable Input Current
0.1
2.3
µA
Power Good Range
±7
±10
%
Power Good Resistance
IPGOOD = 500µA
150
300
Over-Temperature
Shutdown
160
°C
Over-Temperature
Hysteresis
25
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. It is recommended that a transient input voltage may not exceed operating rating of the device for more that 5% of the time and in no case should the
transient voltage exceed the absolute maximum rating of the device.
3. Specification for packaged product only.


Similar Part No. - MIC4724YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
   3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4720BML MICREL-MIC4720BML Datasheet
1Mb / 21P
   3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4720YML MICREL-MIC4720YML Datasheet
1Mb / 21P
   3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4720YMME MICREL-MIC4720YMME Datasheet
1Mb / 21P
   3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
More results

Similar Description - MIC4724YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
   3A 2MHz Integrated Switch Buck Regulator
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com