Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10CS-12LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR10CS-12LB
Description  Triac Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10CS-12LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR10CS-12LB_10 Datasheet HTML 1Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 2Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 3Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 4Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 5Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 6Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 7Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 8Page - Renesas Technology Corp BCR10CS-12LB_10 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BCR10CS-12LB
Preliminary
R07DS0224EJ0400 Rev.4.00
Page 4 of 8
Dec 14, 2010
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
32
24
20
12
4
0
16
8
2
0
4
610
12
14
8
16
28
160
120
100
60
20
0
16
02
6
10
14
40
80
140
4
8
12
103
7
5
3
2
102
104
7
5
3
2
105
7
5
3
2
106
7
5
3
2
–60
–20
20
60
100
160
140
–400
4080
120
103
7
5
3
2
102
7
5
3
2
4
4
101
–60
–20
20
60
100
140 160
–400
4080
120
160
120
100
60
20
0
16
02
6
10
14
40
80
140
4
8
12
160
120
100
60
20
0
4.0
00.51.52.53.5
40
80
140
1.02.0
3.0
360° Conduction
Resistive,
inductive loads
360° Conduction
Resistive,
inductive loads
Curves apply
regardless of
conduction angle
Typical Example
Typical Example
Curves apply regardless
of conduction angle
Resistive, inductive loads
Natural convection
All fins are black
painted aluminum
and greased
120
× 120 × t2.3
100
× 100 × t2.3
60
× 60 × t2.3
Natural convection
No fins
Curves apply regardless
of conduction angle
Resistive, inductive loads


Similar Part No. - BCR10CS-12LB_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10CS-12LB RENESAS-BCR10CS-12LB_15 Datasheet
142Kb / 9P
   Triac Medium Power Use
More results

Similar Description - BCR10CS-12LB_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com