Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5207-2.8BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5207-2.8BM5
Description  180mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207-2.8BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5207-2.8BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5207-2.8BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC5207
December 2007
4
M9999-123107
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN).............................. –20V to +20V
Enable Input Voltage (VEN)............................. –20V to +20V
Power Dissipation (PD).......................... Internally Limited
(3)
Lead Temperature (soldering, 5 sec)......................... 260°C
Junction Temperature (TJ)
All except 1.8V....................................–40°C to +125°C
1.8V ONLY..............................................0°C to +125°C
Storage Temperature (TS).........................–65°C to +150°C
Operating Ratings
(2)
Supply Input Voltage (VIN)............................. +2.5V to +16V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ)
All except 1.8V.................................... –40°C to +125°C
1.8V ONLY.............................................. 0°C to +125°C
Thermal Resistance (θJA).......................................... Note 3
MSOP-8 (θJA)
(3)
Electrical Characteristics
VIN = VOUT + 1V; IL = 100µA; CL = 1.0µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C < TJ < +125°C except
0°C < TJ < +125°C for 1.8V, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VO
Output Voltage Accuracy
Variation from nominal VOUT
–3
–4
3
4
%
%
∆VO/∆T
Output Voltage
Temperature Coefficient
Note 4
40
ppm/°C
∆VO/VO
Line Regulation
VIN = VOUT + 1V to 16V
0.005
0.05
0.10
%/V
%/V
∆VO/VO
Load Regulation
IL = 0.1mA to 150mA, Note 5
0.05
0.5
0.7
%
%
VIN – VO
Dropout Voltage, Note 6
IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
17
115
140
165
60
80
175
250
280
325
300
400
mV
mV
mV
mV
mV
mV
mV
mV
IGND
Quiescent Current
VEN ≤ 0.4V (shutdown)
VEN ≤ 0.18V (shutdown)
0.01
1
5
µA
µA
IGND
Ground Pin Current, Note 7
VEN ≥ 2.0V, IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
80
350
720
1800
130
170
650
900
1100
2000
2500
3000
µA
µA
µA
µA
µA
µA
µA
µA
PSRR
Ripple Rejection
75
dB
ILIMIT
Current Limit
VOUT = 0V
320
500
mA
∆VO/∆PD
Thermal Regulation
Note 8
0.05
%/W
eno
Output Noise
IL = 50mA, CL = 2.2µF,
470pF from BYP to GND
260
nV√Hz


Similar Part No. - MIC5207-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207-2.5BM5 MICREL-MIC5207-2.5BM5 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
logo
Microchip Technology
MIC5207-2.5YM5-TR MICROCHIP-MIC5207-2.5YM5-TR Datasheet
2Mb / 24P
   180 mA Low-Noise LDO Regulator
09/14/21
MIC5207-2.5YM5-TX MICROCHIP-MIC5207-2.5YM5-TX Datasheet
2Mb / 24P
   180 mA Low-Noise LDO Regulator
09/14/21
MIC5207-2.9YM5-TR MICROCHIP-MIC5207-2.9YM5-TR Datasheet
2Mb / 24P
   180 mA Low-Noise LDO Regulator
09/14/21
More results

Similar Description - MIC5207-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com