Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5201-3.3YM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5201-3.3YM
Description  200mA Low-Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5201-3.3YM Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5201-3.3YM Datasheet HTML 1Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 2Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 3Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 4Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 5Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 6Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 7Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 8Page - Micrel Semiconductor MIC5201-3.3YM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MIC5201
Micrel, Inc.
MIC5201
6
June 2005
0
50
100
150
200
250
300
1234567
INPUT VOLTAGE (V)
Short Circuit Current
vs. Input Voltage
C
IN = 2.2µF
C
OUT = 4.7µF
V
OUT = 3.3V
-30
-20
-10
0
10
20
0
100
200
300
-2
02468
10
TIME (ms)
Load Transient
C
L = 4.7µF
0
100
200
300
-10
010
203040
TIME (ms)
Load Transient
-30
-20
-10
0
10
20
C
L = 47µF
0
20
40
60
80
100
120
0123456789 10
SUPPLY VOLTAGE (V)
Supply Current vs. Supply
Voltage (3.3V Version)
R
L = 33Ω
-10
-5
0
5
10
2
4
6
8
-0.2
0
0.2
0.4
0.6
0.8
TIME (ms)
Line Transient
C
L = 1 µF
I
L = 1mA
-5
0
5
10
15
2
4
6
8
-0.1 0
0.1 0.2 0.3 0.4 0.5 0.6
TIME (ms)
Line Transient
C
L = 10 µF
I
L = 1mA
0
10
20
30
40
50
60
01234567
SUPPLY VOLTAGE (V)
Supply Current vs. Supply
Voltage (3.3V Version)
R
L = 66Ω
-1
0
1
2
3
4
5
-2
0
2
4
-50
050 100 150 200 250 300
TIME(µs)
Enable Transient
(3.3V Version)
C
L = 4.7 µF
I
L = 1mA
-1
0
1
2
3
4
5
-2
0
2
4
-50
050 100 150 200 250 300
TIME(µs)
Enable Transient
(3.3V Version)
C
L = 4.7 µF
I
L = 100mA
-5
0
5
10
15
20
25
30
35
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Enable Current Threshold
vs. Temperature
C
IN = 2.2µF
C
OUT = 4.7µF
V
EN = 2V
V
EN = 5V
0.4
0.6
0.8
1
1.2
1.4
1.6
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Enable Voltage Threshold
vs. Temperature
C
IN = 2.2µF
C
OUT = 4.7µF
OFF
ON
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Output Impedance
I
L = 100µA
I
L = 1mA
I
L = 100mA


Similar Part No. - MIC5201-3.3YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5201-3.3YM MICROCHIP-MIC5201-3.3YM Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
MIC5201-3.3YM-TRVAO MICROCHIP-MIC5201-3.3YM-TRVAO Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
More results

Similar Description - MIC5201-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ams AG
AS1369 AMSCO-AS1369_04 Datasheet
1Mb / 22P
   200mA Ultra-Compact Low Dropout Regulator
AS1369 AMSCO-AS1369 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com