Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5219-3.3BMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5219-3.3BMM
Description  500mA-Peak Output LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219-3.3BMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5219-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 11Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 12Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 13Page - Micrel Semiconductor MIC5219-3.3BMM Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
June 2009
11
M0371-061809
Micrel, Inc.
MIC5219
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
0
2
4
6
8
10
0
20
40
60
80
100
DUTY CYCLE (%)
500mA
400mA
300mA
200mA
100mA
a. 25°C Ambient
b. 50°C Ambient
c. 85°C Ambient
Figure 4. MIC5219-x.xBMM (MSOP-8) on 1-inch2 Copper Cladding
a. 25°C Ambient
b. 50°C Ambient
c. 85°C Ambient
Figure 3. MIC5219-x.xBMM (MSOP-8) on Minimum Recommended Footprint
a. 25°C Ambient
b. 50°C Ambient
c. 85°C Ambient
Figure 2. MIC5219-x.xBM5 (SOT-23-5) on 1-inch2 Copper Cladding
a. 25°C Ambient
b. 50°C Ambient
c. 85°C Ambient
Figure 1. MIC5219-x.xBM5 (SOT-23-5) on Minimum Recommended Footprint


Similar Part No. - MIC5219-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219-3.3BMM MICREL-MIC5219-3.3BMM Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219-3.3BMM MICREL-MIC5219-3.3BMM Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com