Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5205-3.8BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5205-3.8BM5
Description  150mA Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5205-3.8BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5205-3.8BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5205-3.8BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5205
150mA Low-Noise LDO Regulator
Xxxxx is a trademark of Micrel, Inc
Xxxxx is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2006
M9999-020806
(408) 955-1690
General Description
The MIC5205 is an efficient linear voltage regulator with
ultra low-noise output, very low dropout voltage (typically
17mV at light loads and 165mV at 150mA), and very low
ground current (600
⎧A at 100mA output). The MIC5205
offers better than 1% initial accuracy.
Designed especially for hand-held, battery-powered
devices, the MIC5205 includes a CMOS or TTL compatible
enable/shutdown control input. When shut down, power
consumption drops nearly to zero. Regulator ground
current increases only slightly in dropout, further
prolonging battery life.
Key MIC5205 features include a reference bypass pin to
improve its already excellent low-noise performance,
reversed-battery
protection,
current
limiting,
and
overtemperature shutdown.
The MIC5205 is available in fixed and adjustable output
voltage versions in a small SOT-23-5 package.
For low-dropout regulators that are stable with ceramic
output capacitors, see the
µCap MIC5245/6/7 family.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Ultra-low-noise output
• High output voltage accuracy
• Guaranteed 150mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reverse-battery protection
• “Zero” off-mode current
• Logic-controlled electronic enable
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• PCMCIA VCC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
___________________________________________________________________________________________________________
Typical Application
Ultra-Low-Noise Regulator Application


Similar Part No. - MIC5205-3.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205-3.8BM5 MICREL-MIC5205-3.8BM5 Datasheet
99Kb / 12P
   150mA Low-Noise LDO Regulator
MIC5205-3.8BM5 MICREL-MIC5205-3.8BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.8BM5 MICREL-MIC5205-3.8BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.8BM5 MICREL-MIC5205-3.8BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5205-3.8BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com