Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5232-1.2YD5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5232-1.2YD5
Description  10mA Ultra-Low Quiescent Current 關Cap LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232-1.2YD5 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5232-1.2YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5232-1.2YD5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC5232
September 2008
8
M9999-090508-
Application Information
Input Capacitor
If there is more than 20cm of wire between IN and the
ac filter capacitor or if supplied from a battery, a 1µF
(or larger) capacitor should be placed from the IN
(supply input) to GND (ground).
Output Capacitors
The MIC5232 requires an output capacitor for stability.
A 0.47µF, or larger capacitor, is recommended
between OUT (output) and GND to improve the
regulator’s transient response. A 0.47µF capacitor can
be used to reduce overshoot recovery time at the
expense of overshoot amplitude. The ESR (effective
series resistance) of this capacitor has no effect on
regulator stability, but low-ESR capacitors improve the
high frequency transient response. The value of this
capacitor may be increased without limit, but values
larger than 10µF tend to increase the settling time
after a step change in input voltage or output current.
C
Minimum Load Current
The MIC5232 does not require a minimum load for
proper operation. This allows the device to operate in
applications where very light output currents are
required for keep-alive purposes. This is important for
powering SRAM or Flash memory in low-power
modes for handheld devices.
Safe Operating Conditions
The MIC5232 incorporates current limit in the design.
There is also reverse circuit protection circuitry built
into the device. The maximum junction temperature
for the device is +125
°C, and it is important that this is
not exceeded for any length of time.
Thermal Considerations
The MIC5232 is designed to provide 10mA of
continuous current in a very small package. Maximum
ambient operating temperature can be calculated
based on the output current and the voltage drop
across the part. Given that the input voltage is 4.3V,
the output voltage is 3.3V and the output current =
10mA.
The actual power dissipation of the regulator circuit
can be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND
Because this device is CMOS and the ground current
is typically <15μA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (4.3V – 3.3V) • 10mA
PD = 0.01W
To determine the maximum ambient operating
temperature of the package, use the junction-to-
ambient thermal resistance of the device and the
following basic equation:
JA
A
J
D
T
T
P
θ
=
(max)
(max)
TJ(max) = 125°C, the max. junction temperature of the
die, θJA thermal resistance = 90
°C/W
Table 1 shows junction-to-ambient thermal resistance
for the MIC5232 in the 2mm x 2mm MLF
®-6 package.
Package
θJA Recommended
Minimum Footprint
θJC
2mm x 2mm MLF
®-6
90
°C/W
2
°C/W
Table 1. MLF Thermal Resistance
Substituting PD for PD(max), and solving for the
ambient operating temperature, will give the maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 90
°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation.
For example, when operating the MIC5232-3.3BML at
an input voltage of 4.3V and 10mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as
follows:
W
C
T
C
W
A
/
90
125
01
.
0
°
°
=
TA = 124°C
Therefore, a 3.3V application at 10mA of output
current can accept an ambient operating temperature
of 124°C in a 2mm x 2mm MLF
®-6 package. For a full
discussion of heat sinking and thermal effects on
voltage regulators, refer to the “Regulator Thermals”
section of
Micrel’s “Designing with Low-Dropout
Voltage Regulators” handbook. This information can
be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5232-1.2YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232-1.2YD5 MICREL-MIC5232-1.2YD5 Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5232-1.2YD5 MICREL-MIC5232-1.2YD5 Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
More results

Similar Description - MIC5232-1.2YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com