Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5207-1.8YD5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5207-1.8YD5
Description  180mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207-1.8YD5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5207-1.8YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5207-1.8YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC5207
December 2007
5
M9999-123107
Symbol
Parameter
Condition
Min
Typ
Max
Units
Enable Input
VIL
Enable Input Logic-Low Voltage
Regulator shutdown
0.4
0.18
V
V
VIH
Enable Input Logic-High
Voltage
Regulator enable
2.0
V
IIL
IIH
Enable Input Current
VIL ≤ 0.4V
VIL ≤ 0.18V
VIH ≥ 2.0V
VIH ≥ 2.0V
0.01
5
–1
–2
20
25
µA
µA
µA
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) –TA) / θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the SOT-23-5 (M5) is 235°C/W, and the
TO-92 (Z) is 180°C/W (0.4” leads) or 160°C/W (0.25” leads) soldered on a PC board (see “Thermal Considerations” for further details).
4. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
5. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range
from 0.1mA to 180mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
6. Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1Vdifferential.
7. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
8. Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 180mA load pulse at VIN = 16V for t = 10ms.


Similar Part No. - MIC5207-1.8YD5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5207-1.8YD5-TR MICROCHIP-MIC5207-1.8YD5-TR Datasheet
2Mb / 24P
   180 mA Low-Noise LDO Regulator
09/14/21
More results

Similar Description - MIC5207-1.8YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com