Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5216-2.5YM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5216-2.5YM5
Description  500mA-Peak Output LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216-2.5YM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5216-2.5YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5216-2.5YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC5216
March 2007
5
M9999-032307
Symbol
Parameter
Condition
Min
Typ
Max
Units
Enable Input
VENL
Enable Input Voltage
VEN = logic low (regulator shutdown)
0.4
0.18
V
V
VENH
VEN = logic high (regulator enabled)
2.0
V
IENL
IENH
Enable Input Current
VENL ≤ 0.4V
VENL ≤ 0.18V
VENH ≥ 2.0V
0.01
0.01
5
–1
–2
20
25
µA
µA
µA
µA
Error Flag Output
VERR
Flag Threshold
Undervoltage condition (below nominal)
Note 8
–2
–6
–10
%
VIL
Output Logic-Low Voltage
IL = 1mA, undervoltage condition
0.2
0.4
V
IFL
Flag Leakage Current
Flag off, VFLAG = 0V to 12V
–1
0.1
+1
µA
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the
junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature
is calculated using: PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown. See Table 1 and the “Thermal Considerations” section for details.
2. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
3. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from
100mA to 500mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
4. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
5. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
6. VEN is the voltage externally applied to devices with the EN (enable) input pin.
7. Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 500mA load pulse at VIN = 12V for t = 10ms.
8. The error flag comparator includes 3% hysteresis.


Similar Part No. - MIC5216-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216-3.0BM5 MICREL-MIC5216-3.0BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.0BMM MICREL-MIC5216-3.0BMM Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.3BM5 MICREL-MIC5216-3.3BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.3BMM MICREL-MIC5216-3.3BMM Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5216-3.6BM5 MICREL-MIC5216-3.6BM5 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
More results

Similar Description - MIC5216-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com