Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5213-5.0YC5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5213-5.0YC5
Description  Teeny SC-70 關Cap Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213-5.0YC5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5213-5.0YC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5213-5.0YC5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
August 2004
5
MIC5213
MIC5213
Micrel
-50
0
50
100
-1
01
234
567
8
TIME (ms)
Load Transient
C
OUT = 1µF
V
IN = VOUT + 1
0
40
-40
-50
0
50
100
-5
0
5
10
15
20
TIME (ms)
-200
-100
0
100
Load Transient
C
OUT = 10µF
V
IN = VOUT + 1
-2
-1
0
1
2
3
2
4
6
8
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Line Transient
C
L = 1µF
I
L = 1mA
-1
0
1
2
2
4
6
8
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Line Transient
C
L = 11µF
I
L = 1mA
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 1mA
C
L = 1µF
V
IN = VOUT + 1
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 50mA
C
L = 1µF
V
IN = VOUT + 1
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 100µA
C
L = 1µF
V
IN = VOUT + 1


Similar Part No. - MIC5213-5.0YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213-2.5BC5 MICREL-MIC5213-2.5BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-2.8BC5 MICREL-MIC5213-2.8BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-3.0BC5 MICREL-MIC5213-3.0BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-3.3BC5 MICREL-MIC5213-3.3BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-3.6BC5 MICREL-MIC5213-3.6BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
More results

Similar Description - MIC5213-5.0YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com