Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5237-2.5YU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5237-2.5YU
Description  500mA Low-Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5237-2.5YU Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5237-2.5YU Datasheet HTML 1Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 2Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 3Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 4Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 5Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 6Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 7Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 8Page - Micrel Semiconductor MIC5237-2.5YU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc.
MIC5237
September 2007
5
M9999-090607-C
Typical Characteristics
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 1mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10 100 1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+21E+31E+41E+51E+61E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10 100 1k 10k 100k 1M 10M
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
I
OUT = 100mA
10mA
1mA
C
OUT = 1µF
0.0001
0.001
0.01
0.1
1
10
1E+11E+2 1E+31E+4 1E+51E+6 1E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
V
OUT = 5V
C
OUT = 10µF
electrolytic


Similar Part No. - MIC5237-2.5YU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5237-2.5YU MICROCHIP-MIC5237-2.5YU Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
MIC5237-2.5YU-TR MICROCHIP-MIC5237-2.5YU-TR Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
More results

Similar Description - MIC5237-2.5YU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com