Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5236-3.3BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5236-3.3BMM
Description  Low Quiescent Current 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-3.3BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5236-3.3BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-3.3BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5236
Micrel, Inc.
MIC5236
4
July 2005
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
Enable Input Current
VEN = 0.6V, regulator off
0.01
1.0
µA
2.0
µA
VEN = 2.0V, regulator on
0.15
1.0
µA
2.0
µA
VEN = 30V, regulator on
0.5
2.5
µA
5.0
µA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3: The absolute maximum positive supply voltage (60V) must be of limited duration (≤100ms) and duty cycle (≤1%). The maximum continuous
supply voltage is 30V.
Note 4: The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allow-
able power dissipation will result in excessive die termperature, and the regulator will go into thermal shutdown. The θJA of the MIC5236-x.
xBM (all versions) is 63°C/W, and the MIC5236-x.xBMM (all versions) is 80°C/W, mounted on a PC board (see “Thermal Characteristics” for
further details).
Note 5. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 6: Output voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
Note 7: Regulation is measured at constant junction temperature using pulse testing with a low duty-cycle. Changes in output voltage due to heating
effects are covered by the specification for thermal regulation.
Note 8: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1.0V
differential.


Similar Part No. - MIC5236-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-3.3BMM MICREL-MIC5236-3.3BMM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5236-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Micrel Semiconductor
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com