Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5206-4.0YM5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5206-4.0YM5
Description  150mA Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206-4.0YM5 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5206-4.0YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5206-4.0YM5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
MIC5206
May 2006
7
M9999-051506
(408) 955-1690
Typical Characteristics
0.0001
0.001
0.01
0.1
1
10
1E+11E+2 1E+31E+4 1E+51E+6 1E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
V
OUT = 5V
C
OUT = 10µF
electrolytic
0.0001
0.001
0.01
0.1
1
10
1E+11E+2 1E+31E+4 1E+51E+6 1E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
V
OUT = 5V
C
OUT = 22µF
tantalum
C
BYP = 10nF
0.0001
0.001
0.01
0.1
1
10
1E+11E+2 1E+31E+4 1E+51E+6 1E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
V
OUT = 5V
C
OUT = 10µF
electrolytic
C
BYP = 100pF
0.0001
0.001
0.01
0.1
1
10
1E+11E+2 1E+31E+4 1E+51E+6 1E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
V
OUT = 5V
C
OUT = 10µF
electrolytic
C
BYP = 1nF
0.0001
0.001
0.01
0.1
1
10
1E+11E+2 1E+31E+4 1E+51E+6 1E+7
FREQUENCY (Hz)
Noise Performance
10mA
1mA
100mA
10 100 1k 10k 100k 1M 10M
V
OUT = 5V
C
OUT = 10µF
electrolytic
C
BYP = 1nF
0
40
80
120
160
200
240
280
320
0
40
80
120
160
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
+125°C
+25°C
–40°C


Similar Part No. - MIC5206-4.0YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206-4.0BM5 MICREL-MIC5206-4.0BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
MIC5206-4.0BMM MICREL-MIC5206-4.0BMM Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5206-4.0YM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com