Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5206YMM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5206YMM
Description  150mA Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206YMM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5206YMM Datasheet HTML 3Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 9Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 10Page - Micrel Semiconductor MIC5206YMM Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC5206
May 2006
9
M9999-051506
(408) 955-1690
Ultra-Low-Noise Application
Figure 2. Ultra-Low-Noise Fixed Voltage Application
Figure 2 includes a 470pF capacitor for low-noise
operation and shows EN (pin 7) connected to IN (pin 8)
for an application where enable/shutdown is not
required. The error flag is shown with a 47kΩ pull-up
resistor.
Adjustable Regulator Applications
Figure 3 shows the MIC5206BMM adjustable output
voltage configuration. Two resistors set the output
voltage. The formula for output voltage is:
+
×
=
1
R1
R2
1.242V
VOUT
Resistor values are not critical because ADJ (adjust) has
a high input impedance, but for best results use resistors
of 470kΩ or less. A capacitor from ADJ to ground
provides greatly improved noise performance.
Figure 3. Ultra-Low-Noise Adjustable Voltage Application
Figure 3 also includes a 470pF capacitor for lowest-
noise operation and shows EN (pin 7) connected to IN
(pin 8) for an application where enable/shutdown is not
required. COUT = 2.2µF minimum. The error flag is shown
with a 47kΩ pull-up resistor.
Thermal Considerations
Layout
The MIC5206-x.xBM5 (5-pin SOT-23 package) has the
following thermal characteristics when mounted on a
single layer copper-clad printed circuit board.
Multilayer boards having a ground plane, wide traces
near the pads, and large supply bus lines provide better
thermal conductivity.
PC Board
Dielectric
θ
JA
FR4
220°C/W
Ceramic
200°C/W
SOT-23-5 Thermal Characteristics
The “worst case” value of 220°C/W assumes no ground
plane, minimum trace widths, and a FR4 material board.
The MIC5206-xxBMM (8-pin MSOP) has a thermal
resistance of 200°C/W when mounted on a FR4 board
with minimum trace widths and no ground plane.
PC Board
Dielectric
θ
JA
FR4
200°C
MSOP Thermal Characteristics
Nominal Power Dissipation and Die Temperature
The MIC5206-x.xBM5 at a 25°C ambient temperature
will operate reliably at over 450mW power dissipation
when mounted in the “worst case” manner described
above. At an ambient temperature of 40°C, the device
may safely dissipate over 380mW. These power levels
are equivalent to a die temperature of 125°C, the
maximum operating junction temperature for the
MIC5206.
For additional heat sink characteristics, please refer to
Micrel Application Hint 17, “Calculating P.C. Board Heat
Sink Area For Surface Mount Packages”.


Similar Part No. - MIC5206YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
MIC5206-2.5BM5 MICREL-MIC5206-2.5BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
MIC5206-2.7BM5 MICREL-MIC5206-2.7BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
MIC5206-3.0BM5 MICREL-MIC5206-3.0BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
MIC5206-3.0BMM MICREL-MIC5206-3.0BMM Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5206YMM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com