Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5206-3.8YMM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5206-3.8YMM
Description  150mA Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206-3.8YMM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5206-3.8YMM Datasheet HTML 3Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 9Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 10Page - Micrel Semiconductor MIC5206-3.8YMM Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Micrel, Inc.
MIC5206
May 2006
8
M9999-051506
(408) 955-1690
Application Information
Enable/Shutdown
Forcing EN (enable/shutdown) high (> 2V) enables the
regulator. EN is compatible with CMOS logic gates.
If the enable/shutdown feature is not required, connect
EN (enable) to IN (supply input). Refer to the text with
Figures 1aand 2.
Input Capacitor
A 1µF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the ac filter capacitor or if a battery is used as the
input.
Reference Bypass Capacitor
BYP (reference bypass) is connected to the internal
voltage reference. A 470pF capacitor (CBYP) connected
from BYP to GND quiets this reference, providing a
significant reduction in output noise. See Figure 2. CBYP
reduces the regulator phase margin; when using CBYP,
output capacitors of 2.2µF or greater are generally
required to maintain stability.
The start-up speed of the MIC5206 is inversely
proportional to the size of the reference bypass
capacitor. Applications requiring a slow ramp-up of
output voltage should consider larger values of CBYP.
Likewise, if rapid turn-on is necessary, consider omitting
CBYP.
If output noise is not a major concern, omit CBYP and
leave BYP open.
Output Capacitor
An output capacitor is required between OUT and GND
to prevent oscillation. The minimum size of the output
capacitor is dependent upon whether a reference bypass
capacitor is used. 1.0µF minimum is recommended
when CBYP is not used (see Figure 2). 2.2µF minimum is
recommended when CBYP is 470pF (see Figure 2).
Larger
values
improve
the
regulator’s
transient
response. The output capacitor value may be increased
without limit.
The output capacitor should have an ESR (effective
series resistance) of about 5Ω or less and a resonant
frequency above 1MHz. Most tantalum or aluminum
electrolytic capacitors are adequate; film types will work,
but are more expensive. Since many aluminum
electrolytics have electrolytes that freeze at about
–30°C, solid tantalums are recommended for operation
below –25°C.
At lower values of output current, less output
capacitance is required for output stability. The capacitor
can be reduced to 0.47µF for current below 10mA or
0.33µF for currents below 1mA.
No-Load Stability
The MIC5205 will remain stable and in regulation with no
load (other than the internal voltage divider) unlike many
other voltage regulators. This is especially important in
CMOS RAM keep-alive applications.
Error Flag Output
The error flag is an open-collector output and is active
(low) when an undervoltage of approximately 5% below
the nominal output voltage is detected. A pull-up resistor
from IN to FLAG is shown in all schematics.
If an error indication is not required, FLAG may be left
open and the pull-up resistor may be omitted.
Enable Pin Ramp and the Error Flag
To prevent indeterminate behavior on the error flag
during power down of the device, ensure that the fall
time of the enable pin signal, from logic high to logic low,
is faster than 100µs.
Fixed Regulator Applications
Figure 1a. Low-Noise Fixed Voltage Application
EN (pin 3) is shown connected to IN (pin 1) for an
application where enable/shutdown is not required. The
error flag is shown with a 100kΩ pull-up resistor.
Figure 1b. Low-Noise Fixed Voltage Application
Figure 1b is an example of a basic configuration where
the lowest-noise operation is not required. COUT = 1µF
minimum. The error flag is shown with a 47kΩ pull-up
resistor.


Similar Part No. - MIC5206-3.8YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206-3.8BM5 MICREL-MIC5206-3.8BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
MIC5206-3.8BMM MICREL-MIC5206-3.8BMM Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5206-3.8YMM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com