Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5247-2.1BM5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5247-2.1BM5
Description  150mA Low-Voltage 關Cap Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5247-2.1BM5 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5247-2.1BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5247-2.1BM5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC5247
Micrel, Inc.
M9999-022406
8
February 2006
Applications Information
Enable/Shutdown
The MIC5247 comes with an active-high enable pin that can
disable the regulator. Forcing the enable pin low disables the
regulator and sends it into a “zero” off-mode-current state.
In this state, current consumed by the regulator goes nearly
to zero. Forcing the enable pin high enables the output volt-
age. This part is CMOS and the enable pin cannot be left
floating; a floating enable pin may cause an indeterminate
state on the output.
Input Capacitor
An input capacitor is not required for stability. A 1µF input
capacitor is recommended when the bulk AC supply capaci-
tance is more than 10 inches away from the device, or when
the supply is a battery.
Output Capacitor
The MIC5247 requires an output capacitor for stability. The
designrequires1µForgreaterontheoutputtomaintainstabil-
ity. The capacitor can be a low-ESR ceramic chip capacitor.
The MIC5247 has been designed to work specifically with
low-cost, small chip capacitors. Tantalum capacitors can also
be used for improved capacitance over temperature. The
value of the capacitor can be increased without bound.
Bypass Capacitor
Acapacitor can be placed from the noise bypass pin to ground
to reduce output voltage noise. The capacitor bypasses the
internal reference. A 0.01µF capacitor is recommended for
applications that require low-noise outputs.
The bypass capacitor can be increased withoutbound,further
reducing noise and improving PSRR. Turn-on time remains
constant with respect to bypass capacitance. Refer to the
“Typical Characteristics” section for a graph of turn-on time
vs. bypass capacitor.
Transient Response
The MIC5247 implements a unique output stage to dramati-
cally improve transient response recovery time. The output is
a totem-pole configuration with a P-Channel MOSFET pass
device and an N-Channel MOSFET clamp. The N-Channel
clamp is a significantly smaller device that prevents the output
voltage from overshooting when a heavy load is removed.
This feature helps to speed up the transient response by
significantly decreasing transient response recovery time
during the transition from heavy load (100mA) to light load
(85µA).
Active Shutdown
The MIC5247 also features an active shutdown clamp, which
is an N-Channel MOSFET that turns on when the device is
disabled. This allows the output capacitor and load to dis-
charge, de-energizing the load.
Thermal Considerations
The MIC5247 is designed to provide 150mA of continuous
current in a very small package. Maximum power dissipation
can be calculated based on the output current and the voltage
drop across the part. To determine the maximum power dis-
sipation of the package, use the junction-to-ambient thermal
resistance of the device and the following basic equation:
P max
T max T
D
J
A
JA
(
)
(
)
θ
=
TJ(max) is the maximum junction temperature of the die,
125°C, and TA is the ambient operating temperature. θJA is
layout dependent; Table 1 shows examples of junction-to-
ambient thermal resistance for the MIC5247.
Package
θJA Recommended
θJA 1” Square
θJC
Minimum Footprint
Copper Clad
SOT-23-5 (M5)
235°C/W
185°C/W
145°C/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using the equation:
P
V
V
I
V
I
D
IN
OUT
OUT
IN
GND
=
(
)× + ×
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5247-2.4BM5 at room
temperature with a minimum footprint layout, the maximum
input voltage for a set output current can be determined as
follows:
P max
125 C 25 C
235 C/W
P max
425mW
D
D
(
)
(
)
=
° −
°
°
=
The junction-to-ambient thermal resistance for the minimum
footprint is 235°C/W, from Table 1. The maximum power dis-
sipation must not be exceeded for proper operation. Using
the output voltage of 2.4V and an output current of 150mA,
the maximum input voltage can be determined. Because this
deviceisCMOSandthegroundcurrentistypically100µAover
theloadrange,thepowerdissipationcontributedbytheground
current is < 1% and can be ignored for this calculation.
425mW = (VIN – 2.4V)150mA
425mW = VIN×150mA – 360mW
785mW = VIN×150mA
VIN(max) = 5.2V
Therefore, a 2.4V application at 150mA of output current
can accept a maximum input voltage of 5.2V in a SOT-23-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to the “Regulator Ther-
mals” section of Micrel’s Designing with Low-Dropout Voltage
Regulators handbook.
Fixed Regulator Applications
1
5
2
3
4
1µF
0.01µF
VOUT
MIC5247-x.xBM5
VIN
Figure 1. Ultra-Low-Noise Fixed Voltage Application


Similar Part No. - MIC5247-2.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5247-2.0BM5 MICREL-MIC5247-2.0BM5 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5247-2.4BM5 MICREL-MIC5247-2.4BM5 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
More results

Similar Description - MIC5247-2.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
   Low Input Voltage 150mA Linear Regulator
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
   150mA High Voltage Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com