Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5256 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5256
Description  150mA 關Cap LDO with Error Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5256_10 Datasheet HTML 1Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 2Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 3Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 4Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 5Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 6Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 7Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 8Page - Micrel Semiconductor MIC5256_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC5256
August 2010
2
M9999-080510
Ordering Information
Part Number
Marking
Standard
Pb-Free
Standard
Pb-Free*
Voltage**
Junction Temperature
Range
Package
MIC5256-1.5BM5
MIC5256-1.5YM5
LX15
LX15
1.5V
–40° to +125°C
5-Pin SOT23
MIC5256-1.8BM5
MIC5256-1.8YM5
LX18
LX18
1.8V
–40° to +125°C
5-Pin SOT23
MIC5256-2.5BM5
MIC5256-2.5YM5
LX25
LX25
2.5V
–40° to +125°C
5-Pin SOT23
MIC5256-2.6BM5
MIC5256-2.6YM5
LX26
LX26
2.6V
–40° to +125°C
5-Pin SOT23
MIC5256-2.7BM5
MIC5256-2.7YM5
LX27
LX27
2.7V
–40° to +125°C
5-Pin SOT23
MIC5256-2.8BM5
MIC5256-2.8YM5
LX28
LX28
2.8V
–40° to +125°C
5-Pin SOT23
MIC5256-2.85BM5
MIC5256-2.85YM5
LX2J
LX2J
2.85V
–40° to +125°C
5-Pin SOT23
MIC5256-2.9BM5
MIC5256-2.9YM5
LX29
LX29
2.9V
–40° to +125°C
5-Pin SOT23
MIC5256-3.0BM5
MIC5256-3.0YM5
LX30
LX30
3.0V
–40° to +125°C
5-Pin SOT23
MIC5256-3.1BM5
MIC5256-3.1YM5
LX31
LX31
3.1V
–40° to +125°C
5-Pin SOT23
MIC5256-3.3BM5
MIC5256-3.3YM5
LX33
LX33
3.3V
–40° to +125°C
5-Pin SOT23
MIC5256-2.85BD5
MIC5256-2.85YD5
NX2J
NX2J
2.85V
–40° to +125°C
5-Pin TSOT23
Notes:
* Under bar symbol ( _ ) may not be to scale.
** Other Voltage available. Contact Micrel for details.
Pin Configuration
MIC5256-x.xBM5
5-Pin SOT23
MIC5256-x.xBD5
5-Pin Thin SOT23
MIC5256-x.xYM5
5-Pin SOT23
MIC5256-x.xYD5
5-Pin Thin SOT23


Similar Part No. - MIC5256_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-2.6BM5 MICREL-MIC5256-2.6BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.7BM5 MICREL-MIC5256-2.7BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.85BD5 MICREL-MIC5256-2.85BD5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.85BM5 MICREL-MIC5256-2.85BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.8BM5 MICREL-MIC5256-2.8BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results

Similar Description - MIC5256_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com